Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDF-07B Datasheet(PDF) 1 Page - Star Micronics Co., Ltd.

Part # RDF-07B
Description  RDF-07B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARMICRONICS [Star Micronics Co., Ltd.]
Direct Link  https://starmicronics.com/
Logo STARMICRONICS - Star Micronics Co., Ltd.

RDF-07B Datasheet(HTML) 1 Page - Star Micronics Co., Ltd.

  RDF-07B Datasheet HTML 1Page - Star Micronics Co., Ltd. RDF-07B Datasheet HTML 2Page - Star Micronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RDF-07B
Specifications
Dimensions
7.4 x 10.86 x 2.25 (mm)
SPL (@ 1KHz)
113.5 +/- 3 dB
Nominal Input
5 mW (0.4Vrms)
Impedance
32 +/- 4.8
Ω
Resonance Frequency
480 +/- 15% Hz
Total Harmonics Distortion
Max 5% (@ 1KHz)
Weight
0.4 Grams


Similar Part No. - RDF-07B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF005 FCI-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF01 ETC1-RDF01 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF01 FCI-RDF01 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF02 ETC1-RDF02 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com