Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM50
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM50 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments LM50 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
6.6 Electrical Characteristics: LM50HV
LM50HV : +VS = 3V to 36V (DC) and no ILOAD, TA = -40°C to 150°C (unless otherwise noted); Typical specifications are at TA
= 25°C and +VS = 5V (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SENSOR ACCURACY
TACY
Temperature accuracy(2)
TA = 25°C
LM50HV
±1
°C
TA = 20°C to 70°C
-2
2
TA = -10°C to 125°C
-2.5
2.5
TA = -40°C to 125°C
-3.5
3.5
TA = -20°C to 150°C,
3.1V ≤ +VS
-3
3
TA = -40°C to 150°C
-3.5
3.5
SENSOR OUTPUT
V0°C
Output voltage offset at 0°C
500
mV
TC
Temperature coefficient
(sensor gain)
TA = -40°C to 150°C
9.7
10
10.3
mV/°C
VONL
Output Nonlinearity(3)
TA = -40°C to 150°C
-1.2
1.2
°C
ZOUT
Output impedance
TA = -40°C to 150°C
2000
4000
Ω
TON
Turn-On Time
TA = 25°C, No CLoad, tr = 1µs of +VS step
40
µs
TLTD
Long-term stability and drift(4) TJ = 150°C for 300 hours
±0.25
°C
CLOAD
Capacitive load drive
RI = 0Ω
1
µF
tRESP_L
Response time (Stirred
Liquid)
τ = 63% for step response
(0.5in × 0.5in, 2-layer 62-
mil PCB)
From 22°C to 100°C
1.7
s
tRESP_A
Response time (Still Air)
From 18°C to 100°C
15.6
POWER SUPPLY
IDD
Operating current
TA = -40°C to 150°C
3V ≤ +VS ≤ 36V
52
130
μA
IOUT-SC
Output short-circuit current
limit
VO short-circuit source current
1
mA
PSR
Line regulation(5)
TA = -40°C to 150°C
3V ≤ +VS ≤ 36V
-0.6
0.6
mV/V
PSRR
Power supply rejection ratio
TA = 25°C
+VS = 3.3V, 5V and 12V
f = 1MHz
-25
dB
f = 100kHz
-40
ΔIDD
Change of quiescent current
TA = -40°C to 150°C
3V ≤ +VS ≤ 36V
30
μA
IDD_TEMP
Temperature coefficient of
quiescent current
TA = -40°C to 150°C
3V ≤ +VS ≤ 36V
0.3
μA/°C
VON-TH
Turn-on threshold voltage
TA = -40°C to 150°C
2.1
2.8
V
VOFF-TH
Temperature coefficient of
quiescent current
TA = -40°C to 150°C
1.7
2.1
V
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the output voltage and 10mv/°C multiplied by case temperature of the device plus 500mV, at
specified conditions of voltage, current, and temperature (expressed in °C).
(3)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the rated
temperature range of the device.
(4)
Long term stability and drift is determined using accelerated operational life testing at a junction temperature of 150°C.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
www.ti.com
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com