Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4001
Description  NOR GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4001 Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4001 Datasheet HTML 1Page - STMicroelectronics HCC4001 Datasheet HTML 2Page - STMicroelectronics HCC4001 Datasheet HTML 3Page - STMicroelectronics HCC4001 Datasheet HTML 4Page - STMicroelectronics HCC4001 Datasheet HTML 5Page - STMicroelectronics HCC4001 Datasheet HTML 6Page - STMicroelectronics HCC4001 Datasheet HTML 7Page - STMicroelectronics HCC4001 Datasheet HTML 8Page - STMicroelectronics HCC4001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD *
Supply Voltage: HCC Types
HCF Types
-0.5 to +20
-0.5 to +18
V
V
Vi
Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package Temperature Range
200
100
mW
mW
Top
Operating Temperature: HCC Types
HCF Types
-55 to +125
-40 to +85
oC
oC
Tstg
Storage Temperature
-65 to +150
oC
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress ratingonly and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for external periods may affect device reliability.
* All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage: HCC Types
HCF Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature: HCC Types
HCF Types
-55 to +125
-40 to +85
oC
oC
HCC/HCF4000B-4001B-4002B-4025B
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com