Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3 Datasheet(PDF) 1 Page - HellermannTyton.

Part # HT3
Description  Chloroprene (CR)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

HT3 Datasheet(HTML) 1 Page - HellermannTyton.

  HT3 Datasheet HTML 1Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Chloroprene (CR) internal Type 503/6
Technical Data
Raw material
: Chloroprene (CR)
Colour
: black (BK)
Working temperature
: -25 °C to +100 °C
Typical Data
Hardness
: ca 40 +/- 5 Shore A
Stability
: 8 N/mm²
Ultimate elongation
: 400%
After storage in dry heat 100°C, 70h
- Hardness
: app. +5 Shore
- Stability
: app. +/- 0 %
- Ultimate elongation
: app. -10 %
After store in ASTM-Oil No.2 at 100°C, 7d
- Hardness
: app. +5 %
- Tensile strength
: app. -15%
- Ultimate elongation
: app. -20 %
- Volume
: app. -8 %
: passed
Type
KV/mm
HT 1,25 x 0,5
14,00
HT 1,75 x 0,5
19,20
HT 2,5 x 0,9
13,30
HT 3,0 x 0,6
12,00
HT 4,0 x 1,5
19,60
HT 5,0 x 0,7
8,70
HT 7,5 x 0,8
5,30
HT 10,0 x 1,0
5,00
HT 12,0 x 1,0
6,00
HT 14,0 x 1,0
7,00
HT 17,0 x 1,0
4,00
HellermannTyton GmbH
Grosser Moorweg 45
Telefon: +49 (0) 4122/701-1
D-25436 Tornesch
Telefax: +49 (0) 4122/701-400
This information is based on our experience and does not imply suitability without prior testing. Due to the variables of manufacture and enviromantel conditions it is
strongly recommended that samples are tested in-situ
PM.V01/01.08.07
The differences of the dielectric strenght are due to the different used materials. All materials are within
the specifications stated aboved.
600-50500 / 608-00500
600-55500 / 608-00550
600-60500 / 608-00600
Part.-No
Dielectric strength of sleeves and tubing
600-10200 / 608-00100
600-15200 / 608-00150
600-20250 / 608-00200
600-25250 / 608-00250
600-30300 / 608-00300
600-35250 / 608-00350
600-40300 / 608-00400
600-45350 / 608-00450
Grommets (HT) and tubes (HS) made of this Chloroprene are free of silicone!
Flammability at FMVSS
The above mentioned results were ascertained on reference blocks which fulfil the valid norms for this tests.
Differences can occur within the tolerance.
Different row materials are partly used for these measurements which are certainly within the above
mentioned specifications.


Similar Part No. - HT3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HT3 LSTD-HT3 Datasheet
579Kb / 2P
Precise Temperature Control
logo
Weller Tools
HT3 WELLER-HT3 Datasheet
80Kb / 4P
Soldering Tips
logo
Extech Instruments Corp...
HT30 EXTECH-HT30 Datasheet
165Kb / 12P
Heat Stress WBGT Meter
logo
Seoul Semiconductor
HT300 SEOUL-HT300 Datasheet
489Kb / 11P
GREEN HIGH FLUX LED
HT300 SEOUL-HT300 Datasheet
576Kb / 14P
GREEN HIGH FLUX LED
More results

Similar Description - HT3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
CR TIMER
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
cr networks
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
CR timer
logo
FIBOX Enclosing innovat...
3545089 FIBOX-3545089 Datasheet
393Kb / 2P
Chloroprene Cable gland M16
16.08.2023
3545093 FIBOX-3545093 Datasheet
393Kb / 2P
Chloroprene Cable gland M32
16.08.2023
3545094 FIBOX-3545094 Datasheet
146Kb / 2P
Chloroprene Cable gland M40
16.08.2023
3545104 FIBOX-3545104 Datasheet
146Kb / 2P
Chloroprene Cable gland M63
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com