Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40194B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF40194B
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40194B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF40194B Datasheet HTML 1Page - STMicroelectronics HCF40194B Datasheet HTML 2Page - STMicroelectronics HCF40194B Datasheet HTML 3Page - STMicroelectronics HCF40194B Datasheet HTML 4Page - STMicroelectronics HCF40194B Datasheet HTML 5Page - STMicroelectronics HCF40194B Datasheet HTML 6Page - STMicroelectronics HCF40194B Datasheet HTML 7Page - STMicroelectronics HCF40194B Datasheet HTML 8Page - STMicroelectronics HCF40194B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FUNCTIONAL DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VDD*
Supply Voltage : HCC Types
HCF Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Pto t
Total Power Dissipation (per package)
Dissipation per Output Transistor
for T op = Full Package-temperature Range
200
100
mW
mW
Top
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40to + 85
°C
°C
T stg
Storage Temperature
– 65 to + 150
°C
40104B
40194B
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specifi cation is not implied. Exposure to absolute maximum rating conditions for external periods may affect device
reliability.
* All voltages values are referred to VSS pin voltage.
appears at the output after the positive transition of
the CLOCK input. During loading, serial data flow is
inhibited. Shift right and shift left are accomplished
synchronously on the positive clock edge with data
entered at the SHIFT RIGHT and SHIFT LEFT serial
inputs, respectively. Clocking of the register is in-
hibited when both mode control inputs are low. When
low, the RESET input resets all stages and forces all
outputs low. The HCC/HCF40194B is similar to in-
dustry types 340194 and MC40194.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Val ue
Unit
VDD
Supply Voltage : HC C Types
HCF Types
3to18
3to15
V
V
VI
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40to + 85
°C
°C
HCC/HCF40104B/40194B
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com