Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4010
Description  HEX BUFFER/CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4010 Datasheet HTML 1Page - STMicroelectronics HCF4010 Datasheet HTML 2Page - STMicroelectronics HCF4010 Datasheet HTML 3Page - STMicroelectronics HCF4010 Datasheet HTML 4Page - STMicroelectronics HCF4010 Datasheet HTML 5Page - STMicroelectronics HCF4010 Datasheet HTML 6Page - STMicroelectronics HCF4010 Datasheet HTML 7Page - STMicroelectronics HCF4010 Datasheet HTML 8Page - STMicroelectronics HCF4010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol
Parameter
Test Conditios
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TLOW *25
oCTHIGH *
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
IL
Quiescent
Current
HCC
Types
0/5
5
1
0.02
1
30
µA
0/10
10
2
0.02
2
60
0/15
15
4
0.02
4
120
0/20
20
20
0.04
20
600
HCF
Types
0/5
5
4
0.02
4
30
0/10
10
8
0.02
8
60
0/15
15
16
0.02
16
120
VOH
Output High
Voltage
0/5
5
4.95
4.95
4.95
V
0/10
10
9.95
9.95
9.95
0/15
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
5
0.05
0.05
0.05
V
10/0
10
0.05
0.05
0.05
15/0
15
0.05
0.05
0.05
VIH
Input High
Voltage (4009UB)
0.5
5
4
4
4
V
110
8
8
8
1.5
15
12.5
12.5
12.5
VIH
Input High
Voltage (4010B)
4.5
5
3.5
3.5
3.5
V
910
7
7
7
13.5
15
11
11
11
VIL
Input Low
Voltage (4009UB)
4.5
5
1
1
1
V
910
2
2
2
13.5
15
2.5
2.5
2.5
VIL
Input Low
Voltage (4010B)
0.5
5
1.5
1.5
1.5
V
110
3
3
3
1.5
15
4
4
4
IOH
Output
Drive
Current
HCC
Types
0/5
2.5
5
-1
-0.8
-1.6
-0.58
mA
0/5
4.6
5
-0.25
-0.2
-0.4
-0.15
0/10
9.5
10
-0.55
-0.45
-0.9
-0.33
0/15
13.5
15
-1.65
-1.5
-3
-1.1
HCF
Types
0/5
2.5
5
-0.9
-0.8
-1.6
-0.65
0/5
4.6
5
-0.23
-0.2
-0.4
-0.18
0/10
9.5
10
-0.5
-0.45
-0.9
-0.38
0/15
13.5
15
-1.6
-1.5
-3
-1.25
IOL
Output
Sink
Current
HCC
Types
0/5
0.4
5
3.75
3
4
2.1
mA
0/10
0.5
10
10
8
10
5.6
0/15
1.5
15
30
24
36
16
HCF
Types
0/5
0.4
5
3.6
3
4
2.4
0/10
0.5
10
0.96
8
10
6.4
0/15
1.5
15
40
24
36
1.9
IIH,IIL
Input Leakage
Current
0/18
18
±0.1
±10-5 ±0.1
±1
µA
CI
Input
Capacitance
4009UB
Any Input
15
22.6
4010B
5
7.5
pF
*TLOW =-55
oCfor HCC device: -40 oC for HCF device.
*THIGH =+125
oCfor HCC device: +85 oC for HCF device.
The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V
HCC/HCF4009UB HCC/HCF4010B
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com