Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI1802 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI1802
Description  All-Ways-OnTM High-Power LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBI1802 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI1802 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI1802 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MBI1802
All-Ways-OnTM High-Power LED Driver
January 2005, V1.00
- 7 -
Application Information
Constant Current
In LED lighting applications, MBI1802 provides nearly no variations in current from channel to channel and from IC
to IC. This can be achieved by:
1) The maximum current variation between channels is less than ±3%, and that between ICs is less than ±6%.
2) In addition, the current characteristic of output stage is flat and users can refer to the figure as shown below. The
output current can be kept constant regardless of the variations of LED forward voltages (VF). This performs as
a perfection of load regulation.
MBI1802 IOUT vs. VOUT for various Rext
0
50
100
150
200
250
300
350
400
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VOUT (V)
IOUT (mA)
Rext= 2907 ohm
Rext= 1455 ohm
Rext= 984 ohm
Rext= 732 ohm
Rext= 586 ohm
Rext= 491 ohm
Rext= 422 ohm
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com