Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5117CSG Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # SE5117CSG
Description  Efficient linear voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

SE5117CSG Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  SE5117CSG Datasheet HTML 1Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 2Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 3Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 4Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 5Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Rating
SE5117
Parameter
Symbol
Value
Unit
Supply Input Voltage
VIN
-0.7 to +7
V
Power Dissipation
PD
Internally Limited
(3)
--
Junction Temperature
TJ
0 to +125
°C
Lead Temperature
(soldering, 5 sec.)
TLEAD
260
°C
Storage Temperature
TSTG
-10 to +150
°C
Operating Ratings
(2)
Parameter
Symbol
Value
Unit
Supply Input Voltage
VIN
+2.5 to +6
V
Junction Temperature
TJ
0 to +125
°C
Package Thermal
Resistance
θJA
135 (SOT-223)
°C/W
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function ou tside its operating rating.
Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(max) = (TJ(max) - TA)/θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
thermal shutdown. See the “Thermal Considerations”section for details.
Note 4: Output voltage temperature coefficient is the worst-case voltage change divided by the total temperature
range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 100µA to 1A. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
2
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com