Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4001
Description  NOR GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4001 Datasheet HTML 2Page - STMicroelectronics HCF4001 Datasheet HTML 3Page - STMicroelectronics HCF4001 Datasheet HTML 4Page - STMicroelectronics HCF4001 Datasheet HTML 5Page - STMicroelectronics HCF4001 Datasheet HTML 6Page - STMicroelectronics HCF4001 Datasheet HTML 7Page - STMicroelectronics HCF4001 Datasheet HTML 8Page - STMicroelectronics HCF4001 Datasheet HTML 9Page - STMicroelectronics HCF4001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tPHL
tPLH
Propagation Delay Time
5
125
250
ns
10
60
120
545
90
tTHL
tTLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
Typical Output High (source) Current Charac-
teristics
Minimum Output High (sorce) Current Charac-
teristics
Typical Output Low (sink) Current Characteristics
Minimum Output Low (sink) Current Charac-
teristics
HCC/HCF4000B-4001B-4002B-4025B
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com