Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2005S Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # DF2005S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DF2005S Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  DF2005S Datasheet HTML 1Page - HY ELECTRONIC CORP. DF2005S Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
DF2005S thru DF210S
~ 238 ~
TJ=25℃
PULSE WIDTH:300us
2% DUTY CYCLE
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
0.1
1.0
4.0
1.0
10
100
TJ=25℃,f=1MHZ
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0
20
40
60
80
100
120
140
0.01
0.1
1.0
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ,℃
0
2.0
50
100
150
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
NUMBER OF CYCLES AT 60HZ
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
10
20
30
40
50
60
10
1
100
TA=25℃
SINGLE SINE-WAVE
JEDEC METHOD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com