Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS Datasheet(PDF) 3 Page - Shunxin Technology Co., Ltd.

Part # BAV20WS
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

BAV20WS Datasheet(HTML) 3 Page - Shunxin Technology Co., Ltd.

  BAV20WS Datasheet HTML 1Page - Shunxin Technology Co., Ltd. BAV20WS Datasheet HTML 2Page - Shunxin Technology Co., Ltd. BAV20WS Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DimensionsIn Millimeters
Min
Max
1.100
0.000
0.100
0.800
1.000
0.250
0.350
0.080
0.150
1.200
1.400
1.600
1.800
2.500
2.750
0.475 REF
0.250
0.400
0°
8°
DimensionsIn Inches
Min
Max
0.043
0.000
0.004
0.031
0.039
0.010
0.014
0.003
0.006
0.047
0.055
0.063
0.071
0.098
0.108
0.019 REF
0.010
0.016
0°
8°
Symbol
A
A1
A2
b
c
D
E
E1
L
L1
θ
SWITCHING DIODE
BAV19WS/BAV20WS/BAV21WS
3
www.sxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com