Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02BY-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH4R02BY-TR
Description  Automotive ultrafast recovery diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02BY-TR Datasheet(HTML) 5 Page - STMicroelectronics

  STTH4R02BY-TR Datasheet HTML 1Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 2Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 3Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 4Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 5Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 6Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 7Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 8Page - STMicroelectronics STTH4R02BY-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STTH4R02-Y
Characteristics
DocID17391 Rev 2
5/14
Figure 11: Dynamic parameters versus junction
temperature
Figure 12: Thermal resistance, junction to ambient,
versus copper surface under tab
Figure 13: Thermal resistance, junction to ambient,
versus copper surface under each lead
Figure 14: Thermal resistance, junction to ambient,
versus copper surface under each lead
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
QRR; IRM [Tj] / QRR; IRM [Tj = 125 °C]
IRM
dlF/dt (A/µs)
I
F = 4 A
V
R = 160 V
QRR
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
DPAK
Epoxy printed board FR4, eCU= 35 µm
90
100
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
9
10
Rth(j-a)(°C/W)
S
CU(cm²)
SMB
Epoxy printed board FR4, copper thickness = 35 µm
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
Rth(j-a)(°C/W)
S
CU(cm²)
SMC
Epoxy printed board FR4, copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com