Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-06V Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # VLP-06V
Description  6.2mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

VLP-06V Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  VLP-06V Datasheet HTML 1Page - JST Mfg. Co., Ltd. VLP-06V Datasheet HTML 2Page - JST Mfg. Co., Ltd. VLP-06V Datasheet HTML 3Page - JST Mfg. Co., Ltd. VLP-06V Datasheet HTML 4Page - JST Mfg. Co., Ltd. VLP-06V Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
11.4
17.6
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
Model No.
Circuits
Q'ty /
bag
2, 4
3, 6
4(single-row),8
12
VLS-02V
VLS-03V
VLS-08V
VLS-12V
1,000
1,000
1,000
1,000
Material
PA 66, UL94V-0, natural (white)
Model No.
Circuits
Q'ty / bag
2
3
4
4(single-row)
6
8
12
VLP-02V-1
VLP-03V-1
VLP-04V-1
VLP-04VN-1
VLP-06V-1
VLP-08V-1
VLP-12V-1
500
500
500
500
500
200
100
6.2
15.0
6.2
25.8
6.2
19.6
6.2
25.8
38.2
6.2
6.2
19.6
6.2
15.0
23.8
36.2
(2 circuits)
(3 circuits)
(4 circuits)
(6 circuits)
(8 circuits)
(Single-row 4 circuits)
Housing (Outer-housing lock)
(12 circuits)
RoHS compliance
Retainer
(2, 4 circuits)
(3, 6 circuits)
(Single-row 4 circuits, 8 circuits) (12 circuits)
RoHS compliance
VL CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com