Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0064DRPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TMF0064DRPR
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064DRPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMF0064DRPR Datasheet HTML 4Page - Texas Instruments TMF0064DRPR Datasheet HTML 5Page - Texas Instruments TMF0064DRPR Datasheet HTML 6Page - Texas Instruments TMF0064DRPR Datasheet HTML 7Page - Texas Instruments TMF0064DRPR Datasheet HTML 8Page - Texas Instruments TMF0064DRPR Datasheet HTML 9Page - Texas Instruments TMF0064DRPR Datasheet HTML 10Page - Texas Instruments TMF0064DRPR Datasheet HTML 11Page - Texas Instruments TMF0064DRPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
6 Detailed Description
6.1 Overview
The Functional Block Diagram shows the relationships among the major control and memory sections of the
TMF0064. The device has three main data components: a 64-bit factory-programmed ROM, including 8-bit
family code, 48-bit identification number and 8-bit CRC value and 64768-bit FRAM. Power for read and write
operations is derived from the SDQ pin. An internal capacitor stores energy while the signal line is high and
releases energy during the low times of the SDQ pin, until the pin returns high to replenish the charge on the
capacitor.
6.2 Functional Block Diagram
TMF0064
RPUP ~ 500
µC
VPUP
GND
ESD
Internal
Charge
Storage
SDQ
Power
Conditioning
MCLK
DIGITAL
FRAM
64kb
OTP
64bit unique ID
Figure 6-1. Functional Block Diagram
6.3 Feature Description
6.3.1 64768-Bit FRAM
Table 6-1 is a memory map of the 64768-bit FRAM section of the TMF0064 device, configured as 253 pages
with 32-bytes each. Eight adjacent pages form one 256-byte block. The 32-byte volatile scratchpad buffer is
used when programming the FRAM memory. The process for writing to the FRAM memory includes two steps.
Data is first written to the scratchpad buffer. The data is then verified by reading the scratchpad buffer that
confirms proper receipt of the data. If the buffer content is correct, a copy scratchpad command is issued to copy
the scratchpad buffer to the FRAM memory. This process verifies data integrity when programming the memory.
See Section 6.5.4 for details regarding programming and reading the 7680-bit FRAM portion of the TMF0064.
Table 6-1. FRAM Data Memory Map
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
0000h to 00FFh
R/(W)
Data Memory Pages 0 to 7 (Block 0)
(Protection controlled by address 1FA0h)
0100h to 01FFh
R/(W)
Data Memory Pages 8 to 15 (Block 1)
(Protection controlled by address 1FA1h)
0200h to 02FFh
R/(W)
Data Memory Pages 16 to 23 (Block 2)
(Protection controlled by address 1FA2h)
0300h to 03FFh
R/(W)
Data Memory Pages 24 to 31 (Block 3)
(Protection controlled by address 1FA3h)
0400h to 04FFh
R/(W)
Data Memory Pages 32 to 39 (Block 4)
(Protection controlled by address 1FA4h)
0500h to 05FFh
R/(W)
Data Memory Pages 40 to 47 (Block 5)
(Protection controlled by address 1FA5h)
0600h to 06FFh
R/(W)
Data Memory Pages 48 to 55 (Block 6)
(Protection controlled by address 1FA6h)
0700h to 07FFh
R/(W)
Data Memory Pages 56 to 63 (Block 7)
(Protection controlled by address 1FA7h)
...
...
...
...
1D00h to 1DFFh
R/(W)
Data Memory Pages 232 to 239 (Block 29)
(Protection controlled by address 1FBDh)
1E00h to 1EFFh
R/(W)
Data Memory Pages 240 to 247 (Block 30)
(Protection controlled by address 1FBEh)
TMF0064
SLVSJQ6 – SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com