Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP175 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP175
Description  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments TMP175 Datasheet HTML 22Page - Texas Instruments TMP175 Datasheet HTML 23Page - Texas Instruments TMP175 Datasheet HTML 24Page - Texas Instruments TMP175 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMP175 and TMP75 devices are used to measure the PCB temperature of the location it is mounted. The
TMP175 and TMP75 feature SMBus, two-wire, and I2C interface compatibility, with the TMP175 allowing up to
27 devices on one bus and the TMP75 allowing up to eight devices on one bus. The TMP175 and TMP75 both
feature an SMBus Alert function. The TMP175 and TMP75 require no external components for operation except
for pullup resistors on SCL, SDA, and ALERT, although a 0.01-μF bypass capacitor is recommended.
The sensing device of the TMP175 and TMP75 devices is the device itself. Thermal paths run through the
package leads as well as the plastic package. The lower thermal resistance of metal causes the leads to provide
the primary thermal path.
8.2 Typical Application
SCL
ALERT
GND
2
6
1
A0
V+
3
5
0.01 µF
Two-Wire
Host Controller
TMP175,
TMP75
2.7V to 5.5V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
4.7 k
A1
A2
4
7
8
Figure 8-1. Typical Connections of the TMP175 and TMP75
8.2.1 Design Requirements
The TMP175 and TMP75 devices requires pullup resistors on the SCL, SDA, and ALERT pins. The
recommended value for the pullup resistor is 4.7 kΩ. In some applications the pullup resistor can be lower
or higher than 4.7 kΩ but must not exceed 3 mA of current on the SCL and SDA pins, and must not exceed 4
mA on the ALERT pin. A 0.01-μF bypass capacitor is recommended, as shown in Figure 8-1. The SCL, SDA,
and ALERT lines can be pulled up to a supply that is equal to or higher than VS through the pullup resistors.
For TMP175, to configure one of 27 different addresses on the bus, connect A0, A1, and A2 to either the GND
or V+ pin, or float. Float indicates the pin is left unconnected. For the TMP75, to configure one of eight different
addresses on the bus, connect A0, A1, and A2 to either the GND or V+ pin.
www.ti.com
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com