Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4013B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4013B
Description  DUAL ’D’TYPE FLIP.FLOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4013B Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4013B Datasheet HTML 1Page - STMicroelectronics HCC4013B Datasheet HTML 2Page - STMicroelectronics HCC4013B Datasheet HTML 3Page - STMicroelectronics HCC4013B Datasheet HTML 4Page - STMicroelectronics HCC4013B Datasheet HTML 5Page - STMicroelectronics HCC4013B Datasheet HTML 6Page - STMicroelectronics HCC4013B Datasheet HTML 7Page - STMicroelectronics HCC4013B Datasheet HTML 8Page - STMicroelectronics HCC4013B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V DD*
Supply Voltage : HCC Types
HC F Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Pto t
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
T stg
Storasge Temperature
– 65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage : HCC Types
HC F Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
* All voltages are with respect to VSS (GND).
LOGIC DIAGRAM AND TRUTH TABLE (one of two identical flip–flops)
NO CHANGE
LOGIC 0 = LOW
∆ = LOW LEVEL
LOGIC 1 = HIGH
X = DON’T CARE
N(N) = FF1/FF2 TERMINAL
ASSIGNEMENT
CL
DR
SQQ
/
00
001
/
10
010
–\
X0
0
Q
Q
XX1
0
0
1
XX0
1
1
0
XX1
1
1
1
HCC/HFC4013B
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com