Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP464 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 9Page - Texas Instruments TMP464 Datasheet HTML 10Page - Texas Instruments TMP464 Datasheet HTML 11Page - Texas Instruments TMP464 Datasheet HTML 12Page - Texas Instruments TMP464 Datasheet HTML 13Page - Texas Instruments TMP464 Datasheet HTML 14Page - Texas Instruments TMP464 Datasheet HTML 15Page - Texas Instruments TMP464 Datasheet HTML 16Page - Texas Instruments TMP464 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
1
9
1
9
ACK
by
Device
Start by
Master
R/W
0
1
A0
1
0
A1
P7
P6
P5
P4
P3
P2
P1
P0
ACK
by
Device
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Pointer Byte from Master
0
D7
D6
D5
D4
D3
D2
D1
D0
1
9
ACK
by
Device
Stop
by
Master
1
9
D15 D14 D13 D12 D11 D10
D9
D8
ACK
by
Device
Frame 3
Word MSB from Master
Frame 4
Word LSB from Master
SCL
(continued)
SDA
(continued)
SCL
SDA
1
9
1
9
ACK
by
Device
Start by
Master
SCL
SDA
R/W
0
1
A0
1
0
A1
ACK
by
Device
Frame 1
Serial Bus Address
Byte from Master
Frame 2
Pointer Byte
from Master
P7 P6 P5 P4 P3 P2 P1 P0
0
Stop
by
Master
13
TMP464
www.ti.com
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Programming (continued)
7.5.1.2 Bus Definitions
The TMP464 device has a two-wire interface that is compatible with the I2C or SMBus interface. Figure 13
through Figure 18 illustrate the timing for various operations on the TMP464 device. The bus definitions are as
follows:
Bus Idle:
Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line (from high to low) when the SCL line is high defines
a start condition. Each data transfer initiates with a start condition.
Stop Data Transfer: A change in the state of the SDA line (from low to high) when the SCL line is high defines
a stop condition. Each data transfer terminates with a repeated start or stop condition.
Data Transfer: The number of data bytes transferred between a start and stop condition is not limited and is
determined by the master device. The receiver acknowledges the data transfer.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device
that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of the acknowledge clock pulse. Take setup
and hold times into account. On a master receive, data transfer termination can be signaled by the
master generating a not-acknowledge on the last byte that is transmitted by the slave.
Figure 13. Two-Wire Timing Diagram for Write Pointer Byte
Figure 14. Two-Wire Timing Diagram for Write Pointer Byte and Value Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com