Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP468AIYFFR Datasheet(PDF) 46 Page - Texas Instruments

Part # TMP468AIYFFR
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468AIYFFR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMP468AIYFFR Datasheet HTML 41Page - Texas Instruments TMP468AIYFFR Datasheet HTML 42Page - Texas Instruments TMP468AIYFFR Datasheet HTML 43Page - Texas Instruments TMP468AIYFFR Datasheet HTML 44Page - Texas Instruments TMP468AIYFFR Datasheet HTML 45Page - Texas Instruments TMP468AIYFFR Datasheet HTML 46Page - Texas Instruments TMP468AIYFFR Datasheet HTML 47Page - Texas Instruments TMP468AIYFFR Datasheet HTML 48Page - Texas Instruments TMP468AIYFFR Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
1.2
TYP
1.2 TYP
0.4 TYP
0.4 TYP
16X
0.3
0.2
B
E
A
D
DSBGA - 0.625 mm max height
YFF0016
DIE SIZE BALL GRID ARRAY
4219386/A 05/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
B
1
2
3
0.015
C A B
SYMM
SYMM
A
C
D
4
SCALE 8.000
D: Max =
E: Max =
1.592 mm, Min =
1.592 mm, Min =
1.531 mm
1.531 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com