Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1113 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX1113
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1113 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1113 Datasheet HTML 1Page - Texas Instruments TMUX1113 Datasheet HTML 2Page - Texas Instruments TMUX1113 Datasheet HTML 3Page - Texas Instruments TMUX1113 Datasheet HTML 4Page - Texas Instruments TMUX1113 Datasheet HTML 5Page - Texas Instruments TMUX1113 Datasheet HTML 6Page - Texas Instruments TMUX1113 Datasheet HTML 7Page - Texas Instruments TMUX1113 Datasheet HTML 8Page - Texas Instruments TMUX1113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
1 Features
• Wide supply range: 1.08V to 5.5V
• Low leakage current: 3pA
• Low charge injection: -1.5pC
• Low on-resistance: 2Ω
• -40°C to +125°C operating temperature
• 1.8V Logic compatible
• Fail-safe logic
• Rail to rail operation
• Bidirectional signal path
• Break-before-make switching
• ESD protection HBM: 2000V
2 Applications
• Sample-and-hold circuits
• Feedback gain switching
• Signal isolation
• Field transmitters
• Programmable logic controllers (PLC)
• Factory automation and control
• Ultrasound scanners
• Patient monitoring and diagnostics
• Electrocardiogram (ECG)
• Data acquisition systems (DAQ)
• ATE test equipment
• Battery test equipment
• Instrumentation: lab, analytical, portable
• Smart meters: water and gas
• Optical networking
• Optical test equipment
3 Description
The TMUX1111, TMUX1112, and TMUX1113 are
precision complementary metal-oxide semiconductor
(CMOS) devices that have four independently
selectable 1:1, single-pole, single-throw (SPST)
switches. Wide operating supply of 1.08V to 5.5V
allows for use in a broad array of applications from
medical equipment to industrial systems. The device
supports bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins ranging from GND to
VDD.
The switches of the TMUX1111 are turned on with
Logic 0 on the appropriate logic control inputs,
while Logic 1 is required to turn on switches in
the TMUX1112. The four channels of the TMUX1113
are split with two switches supporting Logic 0,
while the other two switches support Logic 1. The
TMUX1113 exhibits break-before-make switching,
allowing the device to be used in cross-point switching
applications.
The TMUX111x devices are part of the precision
switches and multiplexers family. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications. A low supply current of 8
nA and small package options enable use in portable
applications.
Device Information
PART NUMBER(1)
CONTROL LOGIC(1)
PACKAGE(2)
TMUX1111
Active Low
PW (TSSOP, 16)
RSV (UQFN, 16)
TMUX1112
Active High
TMUX1113
Mixed
(1)
See Device Comparison.
(2)
For more information, see Section 12.
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
TMUX1111
S1
S2
S3
S4
D1
D2
D3
D4
TMUX1112
S1
S2
S3
S4
D1
D2
D3
D4
TMUX1113
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
ALL SWITCHES SHOWN FOR A LOGIC 0 INPUT
TMUX111x Block Diagrams
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX1113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1113 TI1-TMUX1113 Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1113PWR TI1-TMUX1113PWR Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1113RSVR TI1-TMUX1113RSVR Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
More results

Similar Description - TMUX1113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX1104 TI1-TMUX1104 Datasheet
587Kb / 26P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1108 TI1-TMUX1108 Datasheet
1Mb / 38P
5V / (-)2.5V, Low-Leakage-Current, 8:1 Precision Multiplexer
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX1111 TI1-TMUX1111 Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1101 TI1-TMUX1101 Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
TMUX1104 TI1-TMUX1104_19 Datasheet
1Mb / 35P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1133 TI1-TMUX1133 Datasheet
769Kb / 39P
5-V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
TMUX1121 TI1-TMUX1121 Datasheet
630Kb / 35P
5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com