Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1208 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX1208
Description  TMUX1208 5-V Bidirectional 8:1, 1-Channel Multiplexer TMUX1209 5-V Bidirectional 4:1, 2-Channel Multiplexer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1208 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1208 Datasheet HTML 12Page - Texas Instruments TMUX1208 Datasheet HTML 13Page - Texas Instruments TMUX1208 Datasheet HTML 14Page - Texas Instruments TMUX1208 Datasheet HTML 15Page - Texas Instruments TMUX1208 Datasheet HTML 16Page - Texas Instruments TMUX1208 Datasheet HTML 17Page - Texas Instruments TMUX1208 Datasheet HTML 18Page - Texas Instruments TMUX1208 Datasheet HTML 19Page - Texas Instruments TMUX1208 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
ADDRE SS
DRIVE
(VSEL)
VDD
tTRANSITION
VS
OUT PUT
RL
CL
A0
A1
A2
S1
S2
D
GND
VSEL
0 V
tr < 5ns
tf < 5ns
S8
VDD
VDD
0.1…F
VDD
VDD
S1
S2
GND
VS
S8
D
VD
ID (ON)
VDD
VDD
S1
S2
GND
VS
S8
D
Vs
A
IS (ON)
N.C.
N.C.
A
16
TMUX1208, TMUX1209
SCDS389C – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMUX1208 TMUX1209
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Overview (continued)
8.1.3 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 9 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
Figure 9. On-Leakage Measurement Setup
8.1.4 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the address signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device, system level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 10 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
Figure 10. Transition-Time Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com