Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX1237
Description  TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1237 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1237 Datasheet HTML 17Page - Texas Instruments TMUX1237 Datasheet HTML 18Page - Texas Instruments TMUX1237 Datasheet HTML 19Page - Texas Instruments TMUX1237 Datasheet HTML 20Page - Texas Instruments TMUX1237 Datasheet HTML 21Page - Texas Instruments TMUX1237 Datasheet HTML 22Page - Texas Instruments TMUX1237 Datasheet HTML 23Page - Texas Instruments TMUX1237 Datasheet HTML 24Page - Texas Instruments TMUX1237 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
TMUX1237
www.ti.com
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9.2.1.2 Detailed Design Procedure
The application shown in Figure 17 demonstrates how to toggle between the DAC output and GND for control of
a power amplifier using a single control input. The DAC output is utilized to bias the gate of the power amplifier
and can be disconnected from the circuit using the select pin of the switch. The TMUX1237 helps eliminate
overshoot in a system caused by switching between two different voltage levels on the source (Sx) input pins.
Fast switching times create a step response on the output of switches or multiplexers which can cause system
level overshoot and ringing depending on many factors such as load capacitance and board parasitics. The
TMUX1237 improves system reliability by eliminating overshoot while still maintaining fast transition timing. The
TMUX1237 can support 1.8-V logic signals on the control input, allowing the device to interface with low logic
controls of an FPGA or MCU. The TMUX1237 can be operated without any external components except for the
supply decoupling capacitors. The select pin is recommended to have a pull-down or pull-up resistor to ensure
the input is in a known state if the control signal becomes disconnected. All inputs to the switch must fall within
the recommend operating conditions of the TMUX1237 including signal range and continuous current. For this
design with a supply of 5 V the signal range can be 0 V to 5 V and the max continuous current can be 50 mA.
9.2.1.3 Application Curve
The TMUX1237 improves system reliability by eliminating overshoot while still maintaining fast transition timing.
Figure 18 shows no overshoot on the TMUX1237 Drain - Output when switching between GND and a 3.3 V input
on the source pins. The logic voltage (SEL) toggles from GND to a 1.8 V logic input signal which cause the drain
pin (D) to switch from GND to 3.3 V. No overshoot is observed on the output and the system level transition
timing is 86 ns.
VDD = 5 V
S1 = 0 V
S2 = 3.3 V
SEL = 0 V to 1.8 V
Figure 18. No Overshoot When Switching Between Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com