Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1111RSVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX1111RSVR
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111RSVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1111RSVR Datasheet HTML 18Page - Texas Instruments TMUX1111RSVR Datasheet HTML 19Page - Texas Instruments TMUX1111RSVR Datasheet HTML 20Page - Texas Instruments TMUX1111RSVR Datasheet HTML 21Page - Texas Instruments TMUX1111RSVR Datasheet HTML 22Page - Texas Instruments TMUX1111RSVR Datasheet HTML 23Page - Texas Instruments TMUX1111RSVR Datasheet HTML 24Page - Texas Instruments TMUX1111RSVR Datasheet HTML 25Page - Texas Instruments TMUX1111RSVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
8 Detailed Description
8.1 Overview
The TMUX1111, TMUX1112, and TMUX1113 are 1:1 (SPST), 4-Channel switches. The devices have four
independently selectable single-pole, single-throw switches that are turned-on or turned-off based on the state of
the corresponding select pin.
8.2 Functional Block Diagram
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
TMUX1111
S1
S2
S3
S4
D1
D2
D3
D4
TMUX1112
S1
S2
S3
S4
D1
D2
D3
D4
TMUX1113
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
ALL SWITCHES SHOWN FOR A LOGIC 0 INPUT
Figure 8-1. TMUX111x Functional Block Diagram
8.3 Feature Description
8.3.1 Bidirectional operation
The TMUX111x conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail to rail operation
The valid signal path input/output voltage for TMUX111x ranges from GND to VDD.
8.3.3 1.8V Logic compatible inputs
The TMUX111x devices have 1.8V logic compatible control for all logic control inputs. The logic input thresholds
scale with supply but still provide 1.8V logic control when operating at 5.5V supply voltage. 1.8V logic level
inputs allows the TMUX111x devices to interface with processors that have lower logic I/O rails and eliminates
the need for an external translator, which saves both space and BOM cost. The current consumption of the
TMUX111x devices increase when using 1.8V logic with higher supply voltage as shown in Figure 6-10. For
more information on 1.8V logic implementations refer to Simplifying Design with 1.8V logic Muxes and Switches
8.3.4 Fail-safe logic
The TMUX111x supports Fail-Safe Logic on the control input pins (EN, A0, A1) allowing for operation up to
5.5V, regardless of the state of the supply pin. This feature allows voltages on the control pins to be applied
before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity
by removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pins of the TMUX111x to be ramped to 5.5V while VDD = 0V. Additionally, the feature
enables operation of the TMUX111x with VDD = 1.2V while allowing the select pins to interface with a logic level
of another device up to 5.5V.
8.3.5 Ultra-Low Leakage Current
The TMUX111x devices provide extremely low on-leakage and off-leakage currents. The TMUX111x devices
are capable of switching signals from high source-impedance inputs into a high input-impedance op amp with
minimal offset error because of the ultra-low leakage currents. Figure 8-2 shows typical leakage currents of the
TMUX111x devices versus temperature at VDD = 5V.
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com