Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1237DCKR Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX1237DCKR
Description  TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1237DCKR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX1237DCKR Datasheet HTML 16Page - Texas Instruments TMUX1237DCKR Datasheet HTML 17Page - Texas Instruments TMUX1237DCKR Datasheet HTML 18Page - Texas Instruments TMUX1237DCKR Datasheet HTML 19Page - Texas Instruments TMUX1237DCKR Datasheet HTML 20Page - Texas Instruments TMUX1237DCKR Datasheet HTML 21Page - Texas Instruments TMUX1237DCKR Datasheet HTML 22Page - Texas Instruments TMUX1237DCKR Datasheet HTML 23Page - Texas Instruments TMUX1237DCKR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
RF Output
TMUX1237
SEL
1.8 V
DAC
0 V
5 V
RF Input
20
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMUX12xx family offers good system performance across a wide operating supply (1.08 V to 5.5 V). These
devices include 1.8 V logic compatible control input pins that enable operation in systems with 1.8 V I/O rails.
Additionally, the control input pin supports Fail-Safe Logic which allows for operation up to 5.5 V, regardless of
the state of the supply pin. This protection stops the logic pins from back-powering the supply rail. These
features of the TMUX12xx, a family of general purpose multiplexers and switches, reduce system complexity,
board size, and overall system cost.
9.2 Typical Application
9.2.1 Input Control for Power Amplifier
One application of the TMUX1237 is for input control of a power amplifier. Utilizing a switch allows a system to
control when the DAC is connected to the power amplifier, and can stop biasing the power amplifier by switching
the gate to GND. Figure 17 shows the TMUX1237 configured for control of the power amplifier. The no overshoot
when switching between inputs feature of the TMUX1237 is beneficial in applications such as this where the
output is being switched across the full voltage range, and any overshoot on the output is undesired.
Figure 17. Input Control of Power Amplifier
9.2.1.1 Design Requirements
This design example uses the parameters listed in Table 3.
Table 2. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
5 V
Switch I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds (SEL)
1.8 V compatible (up to 5.5 V)
Signal overshoot
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com