Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1574DYYR Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 18Page - Texas Instruments TMUX1574DYYR Datasheet HTML 19Page - Texas Instruments TMUX1574DYYR Datasheet HTML 20Page - Texas Instruments TMUX1574DYYR Datasheet HTML 21Page - Texas Instruments TMUX1574DYYR Datasheet HTML 22Page - Texas Instruments TMUX1574DYYR Datasheet HTML 23Page - Texas Instruments TMUX1574DYYR Datasheet HTML 24Page - Texas Instruments TMUX1574DYYR Datasheet HTML 25Page - Texas Instruments TMUX1574DYYR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
TMUX1574
SEL
S1A
D1
S1B
S2A
S2B
S3A
S3B
S4A
S4B
EN
LOGIC CONTROL*
D2
D3
D4
*Internal 6MO Pull-Down on Logic Pins
22
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMUX1574 is a high speed 2:1 (SPDT) 4-ch. switch with powered-off protection up to 3.6 V. Wide
operating supply of 1.5 V to 5.5 V allows for use in a wide array of applications from servers and
communication equipment to industrial applications. The device supports bidirectional analog and digital
signals on the source (SxA, SxB) and drain (Dx) pins. The wide bandwidth of this switch allows little or no
attenuation of high-speed signals at the outputs to pass with minimum edge and phase distortion as well as
propagation delay.
The enable (EN) pin is an active-low logic pin that controls the connection between the source (SxA, SxB)
and drain (Dx) pins of the device. The select pin (SEL) controls the state of all four channels of the
TMUX1574 and determines which source pin is connected to the drain. Fail-Safe Logic circuitry allows
voltages on the logic control pins to be applied before the supply pin, protecting the device from potential
damage. All logic control inputs have 1.8V logic compatible thresholds, ensuring both TTL and CMOS logic
compatibility when operating in the valid supply voltage range.
Powered-off protection up to 3.6 V on the signal path of the TMUX1574 provides isolation when the supply
voltage is removed (VDD = 0 V). Without this protection feature, the system can back-power the supply rail
through an internal ESD diode and cause potential damage to the system.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX1574 conducts equally well from source (SxA, SxB) to drain (Dx) or from drain (Dx) to source (SxA,
SxB). Each channel has very similar characteristics in both directions and supports both analog and digital
signals.
8.3.2 Beyond Supply Operation
When the TMUX1574 is powered from 1.5 V to 5.5 V, the valid signal path input/output voltage ranges from
GND to VDD x 2, with a maximum input/output voltage of 5.5 V.
Example 1: If the TMUX1574 is powered at 1.5V, the signal range is 0 V to 3 V.
Example 2: If the TMUX1574 is powered at 3V, the signal range is 0 V to 5.5 V.
Example 3: If the TMUX1574 is powered at 5.5V, the signal range is 0 V to 5.5 V.
Other voltage levels not mentioned in the examples support Beyond Supply Operation as long as the supply
voltage falls within the recommended operation conditions of 1.5 V to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com