Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40107 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF40107
Description  DUAL 2-INPUT NAND BUFFER/DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40107 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF40107 Datasheet HTML 1Page - STMicroelectronics HCF40107 Datasheet HTML 2Page - STMicroelectronics HCF40107 Datasheet HTML 3Page - STMicroelectronics HCF40107 Datasheet HTML 4Page - STMicroelectronics HCF40107 Datasheet HTML 5Page - STMicroelectronics HCF40107 Datasheet HTML 6Page - STMicroelectronics HCF40107 Datasheet HTML 7Page - STMicroelectronics HCF40107 Datasheet HTML 8Page - STMicroelectronics HCF40107 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SCHEMATIC DIAGRAM AND TRUTH TABLE
* Requires external and pull-up resis-
tor (RL)to VDD.
# Without pull-up resistor (3-state).
AB
C
0
0
1*
Z
#
1
0
1*
Z
#
0
1
1*
Z
#
110
*TLow =– 55
°C for HCC device ; – 40°C for HCF device.
*THigh = + 125
°C for HCC device ; + 85°C for HCF device.
The Noise Margin, full package temperature range, RL to VDD =10k
Ω : 1V min with VDD = 5V, 2V min with VDD = 10V, 2.5V min with VDD = 15V.
** Measured with external pull-up resistor, RL = 10k
Ω to VDD.
*** Forced output disabled.
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Value
V I
V O
|I O |V DD
T Lo w*
25
°CT High*
Symbol
Parameter
(V)
(V)
(
µA) (V)
Min. Max. Min. Typ. Max. Min. Max.
Unit
I L
Quiescent
Current
HCC
Types
0/ 5
5
1
0.02
1
30
µA
0/10
10
2
0.02
2
60
0/15
15
4
0.02
4
120
0/20
20
20
0.04
20
600
HCF
Types
0/ 5
5
4
0.02
4
30
0/10
10
8
0.02
8
60
0/15
15
16
0.02
16
120
V IH**
Input High
Voltage
0.5/4.5
< 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5
< 1
15
11
11
11
V IL**
Input Low
Voltage
4.5
< 1
5
1.5
1.5
1.5
V
9< 1
10
3
3
3
13.5
< 1
15
4
4
4
HCC/HCF40107B
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com