Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44310 Datasheet(PDF) 1 Page - Myrra

Part # 44310
Description  ENCAPSULATED TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra

44310 Datasheet(HTML) 1 Page - Myrra

  44310 Datasheet HTML 1Page - Myrra  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRIMARY VOLTAGE
230 V
PRIMARY VOLTAGE
230 V
Secondary
protection
mA
Primary
protection
mA
• 30 V and 36 V models are VDE EN 61558-2-6 certified
(production on request)
• Insulation voltage 4 KV
• 100 % tested production
• Certification : CCA procedure on request
*To be noted : 2 x 24 V model is non-approved.
Those transformers meet all requirement of EN 61558-2-4
• 30 V and 36 V models are VDE EN 61558-2-6 certified
(production on request)
• Insulation voltage 4 KV
• 100 % tested production
• Certification : CCA procedure on request
*To be noted : 2 x 24 V model is non-approved.
Those transformers meet all requirement of EN 61558-2-4
Reference
Secondary
voltage
V
Secondary
current
m A
No-load
voltage
V
Ambient
Temperature
°C
Rating
VA
Reference
Secondary
voltage
V
Secondary
current
m A
No-load
voltage
V
Ambient
Temperature
°C
Rating
VA
17
10 VA
EI 48-16,8
SERIE 44000
16 VA
EI 54-18,8
SERIE 44000
63
44265
6
1667
7,2
T 50 B
10
63
44266
9
1111
10,8
T 50 B
10
63
44267
12
833
14,4
T 50 B
10
63
44268
15
667
18,1
T 50 B
10
63
44269
18
556
21,6
T 50 B
10
63
44270
24
417
28,9
T 50 B
10
63
44271
2 x 6
2 x 833
2 x 7,2
T 50 B
10
63
44272
2 x 9
2 x 556
2 x 10,8
T 50 B
10
63
44273
2 x 12
2 x 417
2 x 14,4
T 50 B
10
63
44274
2 x 15
2 x 333
2 x 18,1
T 50 B
10
63
44275
2 x 18
2 x 278
2 x 21,6
T 50 B
10
63
44276*
2 x 24
2 x 208
2 x 28,9
T 50 B
10
2,500
44301
6
2667
7,4
T 50 B
16
2,000
44302
9
1778
11,1
T 50 B
16
1,25
44303
12
1333
14,7
T 50 B
16
1
44304
15
1067
18,4
T 50 B
16
1
44305
18
889
22,1
T 50 B
16
0,63
44306
24
667
29,3
T 50 B
16
1,25
44307
2 x 6
2 x 1333
2 x 7,4
T 50 B
16
1
44308
2 x 9
2 x 889
2 x 11,1
T 50 B
16
0,63
44309
2 x 12
2 x 667
2 x 14,7
T 50 B
16
0,5
44310
2 x 15
2 x 533
2 x 18,4
T 50 B
16
0,5
44311
2 x 18
2 x 444
2 x 22
T 50 B
16
0,315
44312*
2 x 24
2 x 333
2 x 29,3
T 50 B
16
EN 60950
UL 5085
EN 60950
UL 5085


Similar Part No. - 44310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
44310 ETC2-44310 Datasheet
131Kb / 1P
TRANSFORMATEURS E1 54
More results

Similar Description - 44310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM31 ETC-HM31 Datasheet
62Kb / 3P
Encapsulated Current Sense Transformers
logo
Bi technologies
HM31 BITECH-HM31 Datasheet
396Kb / 1P
Encapsulated Current Sense Transformers
logo
Silonex Inc.
NSL-19M51 SILONEX-NSL-19M51 Datasheet
22Kb / 1P
Plastic Encapsulated
logo
Rhombus Industries Inc.
T-30800 RHOMBUS-IND-T-30800 Datasheet
39Kb / 1P
Encapsulated Multi-Purpose Audio Transformers
logo
Bourns Electronic Solut...
3-1-6WL BOURNS-3-1-6WL Datasheet
352Kb / 3P
Fully encapsulated
logo
Bi technologies
HM31 BITECH-HM31_15 Datasheet
882Kb / 1P
Encapsulated Current Sense Transformers
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
Encapsulated
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com