Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-2D101-S-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CF-2D101-S-R
Description  Optical connector, Conformed to IEC61754-16(JIS C 5976), Multiple mode, Metallic ferrule, 2 pos., Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CF-2D101-S-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CF-2D101-S-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CF-2D101-S-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CF-2D101-S-R
Features
Optical connector, Conformed to IEC61754-16(JIS C 5976), Multiple mode, Metallic ferrule, 2 pos., Plug
Part Number
CF-2D101-S-R
Status
Active
Number of Positions
2 pos.
Connector Type
Plug
Fiber Mode
Multiple mode
Applicable Fiber (Clad
Diameter)
Polymer clad fiber (0.23 mm)
Ferrule Material
Copper alloy/ Nickel plating
Shell Material
Synthetic resin  
Ferrule Retainer Type
  
Applicable Plug
  
RoHS compliant
REACH compliant
Remarks
  
Notice
Product Details


Similar Part No. - CF-2D101-S-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CF-2D103-S JAE-CF-2D103-S Datasheet
170Kb / 4P
Push-Pull, Easy Disconnection type
More results

Similar Description - CF-2D101-S-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86387-1904 MOLEX-86387-1904 Datasheet
1Mb / 2P
LC2 Metallic Optical Connectors
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
86Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
logo
Tyco Electronics
5749771-2 MACOM-5749771-2 Datasheet
151Kb / 1P
AMPLIMTE HD-2 44 POS PLUG, RIGHT ANGLE
174046-2 MACOM-174046-2 Datasheet
45Kb / 1P
16 POS. PLUG HSG .040 SERIES MULTI-LOCK CONNECTOR
logo
List of Unclassifed Man...
J37-06FMH-8KL ETC2-J37-06FMH-8KL Datasheet
114Kb / 2P
Grade 5 ingress protection of JIS C 0920
logo
DDK Ltd.
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
MF11BMT HIROSE-MF11BMT Datasheet
244Kb / 2P
Water-Proof Optical Connector with MT Ferrule
logo
DDK Ltd.
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com