Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-AD2 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CF-AD2
Description  Optical connector, Conformed to IEC61754-16(JIS C 5976), Multiple mode, with dust cap, Sleeve with spacer, 2 pos., Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CF-AD2 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CF-AD2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CF-AD2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CF-AD2
Features
Optical connector, Conformed to IEC61754-16(JIS C 5976), Multiple mode, with dust cap, Sleeve with spacer, 2 pos., Adapter
Part Number
CF-AD2
Status
Active(NRND)
Number of Positions
2 pos.
Connector Type
Adapter
Fiber Mode
Multiple mode
Applicable Fiber (Clad
Diameter)
Polymer clad fiber (0.00023 mm), All plastic fiber (0.001 mm)
Ferrule Material
  
Shell Material
Synthetic resin
Ferrule Retainer Type
Sleeve with spacer
Applicable Plug
CF-2D101-S-R, CF-2D103-S
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
  
Notice
Product Details


Similar Part No. - CF-AD2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CF-AD1 JAE-CF-AD1 Datasheet
53Kb / 2P
Optical connector, Conformed to IEC61754-16(JIS C 5976), Multiple mode, with dust cap, Split sleeve, 2 pos., Adapter
CF-AD1-P JAE-CF-AD1-P Datasheet
53Kb / 2P
Optical connector, Conformed to IEC61754-16(JIS C 5976), Multiple mode, Sleeve, 2 pos., Adapter
More results

Similar Description - CF-AD2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060590020 MOLEX1-1060590020 Datasheet
44Kb / 1P
Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060597250 MOLEX1-1060597250 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Plastic Dust Cover, with Logo
1060597600 MOLEX1-1060597600 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode, Metal Dust Cover, with Logo
1060597650 MOLEX1-1060597650 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode, Plastic Dust Cover, with Logo
logo
Pasternack Enterprises,...
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
logo
Molex Electronics Ltd.
1060590020 MOLEX-1060590020_V01 Datasheet
44Kb / 1P
Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060597200 MOLEX-1060597200_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, with Logo
1060597250 MOLEX-1060597250_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Plastic Dust Cover, with Logo
1060597600 MOLEX-1060597600_V01 Datasheet
22Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode, Metal Dust Cover, with Logo
logo
CONEC Elektronische Bau...
160X10449X CONEC-160X10449X Datasheet
42Kb / 1P
Dust cap for socket connector 9 - 37 pos.
1995.18.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com