Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # CY8C3285PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button CY8C3285PVC Datasheet HTML 88Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 89Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 90Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 91Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 92Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 93Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 94Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 95Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 91 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Table 11-23. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 16-bit, Internal Reference, Single Ended
Sample Rate SPS
Input Voltage Range
0 to VREF
0 to 2xVREF
0 to VDDA
0 to 6xVREF
2000
1.52
0.80
1.57
1.38
3000
1.63
0.87
1.64
1.43
6000
1.59
0.88
1.65
1.42
12000
1.59
0.85
1.62
1.40
24000
1.60
0.84
1.60
1.39
48000
1.57
0.83
1.57
1.36
Table 11-24. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 16-bit, Internal Reference, Differential
Sample Rate SPS
Input Voltage Range
± VREF
± VREF/2
± VREF/4
± VREF/8
± VREF/16
2000
0.81
1.01
1.15
1.38
2.55
4000
0.84
1.05
1.17
1.42
2.76
8000
0.83
1.04
1.18
1.48
2.83
15625
0.85
1.08
1.18
1.50
2.87
32000
0.84
1.05
43750
0.83
1.06
48000
0.82
Table 11-25. Delta-sigma ADC RMS Noise in Counts vs. Input Range and Sample Rate, 20-bit, External Reference, Single
Ended
Sample Rate
Input Voltage Range
VSSA_to_VREF
VSSA_to_2*VREF
VSSA_to_VDDA
VSSA_to_6*VREF
8
1.53
1.00
1.63
1.62
23
1.84
0.99
2.14
1.52
45
1.82
0.96
1.91
1.57
90
1.83
0.99
1.98
1.76
187
1.87
0.98
1.92
1.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com