Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # CY8C3285PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button CY8C3285PVC Datasheet HTML 102Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 103Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 104Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 105Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 106Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 107Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 108Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 109Page - Infineon Technologies AG CY8C3285PVC Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 105 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-63. VDAC INL vs Temperature, 1 V Mode
Figure 11-64. VDAC DNL vs Temperature, 1 V Mode
Figure 11-65. VDAC Full Scale Error vs Temperature, 1 V
Mode
Figure 11-66. VDAC Full Scale Error vs Temperature, 4 V
Mode
Figure 11-67. VDAC Operating Current vs Temperature, 1V
Mode, Slow Mode
Figure 11-68. VDAC Operating Current vs Temperature, 1 V
Mode, Fast Mode
05
0.75
1
0
0.25
0.5
-40
-20
0
20406080
100
Temperature, °C
0.3
0.4
0.5
0
0.1
0.2
-40
-20
0
20406080
100
Temperature, °C
05
0.75
1
0
0.25
0.5
-40
-20
0
20406080
100
Temperature, °C
1
1.5
2
0
0.5
1
-40
-20
0
20406080
100
Temperature, °C
30
40
50
0
10
20
-40
-20
0
20406080
100
Temperature, °C
200
300
400
0
100
200
-40
-20
0
20
40
60
80
100
Temperature, °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com