Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2000C Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2000C
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000C Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 17Page - Texas Instruments TPS2000C Datasheet HTML 18Page - Texas Instruments TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments TPS2000C Datasheet HTML 21Page - Texas Instruments TPS2000C Datasheet HTML 22Page - Texas Instruments TPS2000C Datasheet HTML 23Page - Texas Instruments TPS2000C Datasheet HTML 24Page - Texas Instruments TPS2000C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−4
−2
0
2
4
6
8
10
Output Voltage
FLT
EN
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (s)
Output
Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2069C
G017
−12.5m
−7.5m
−2.5m
2.5m
7.5m
12.5m
−4
−2
0
2
4
6
8
10
Output Voltage
FLT
EN
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2069C
G018
−2.5m
0
2.5m 5m 7.5m 10m 12.5m 15m 17.5m 20m 22.5m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50mΩ, TPS2051C
G015
−4m −2m
0
2m
4m
6m
8m
10m 12m 14m 16m
−2
0
2
4
6
8
10
12
Output Voltage
FLT
EN
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 3.3 Ω, TPS2069C
G016
21
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 38. TPS2051C Pulsed Output Short
Figure 39. TPS2069C Turnon into 3.3
Ω
Figure 40. TPS2069C Enable into Short
Figure 41. TPS2069C Pulsed Output Short
10 Power Supply Recommendations
Design of the devices is for operation from an input voltage supply range of 4.5 V to 5.5 V. The current capability
of the power supply should exceed the maximum current limit of the power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com