Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4010
Description  DUAL 2-INPUT NAND BUFFER/DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4010 Datasheet HTML 1Page - STMicroelectronics HCF4010 Datasheet HTML 2Page - STMicroelectronics HCF4010 Datasheet HTML 3Page - STMicroelectronics HCF4010 Datasheet HTML 4Page - STMicroelectronics HCF4010 Datasheet HTML 5Page - STMicroelectronics HCF4010 Datasheet HTML 6Page - STMicroelectronics HCF4010 Datasheet HTML 7Page - STMicroelectronics HCF4010 Datasheet HTML 8Page - STMicroelectronics HCF4010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STATIC ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Val ue
V I
V O
|I O |V DD
T Lo w*
25
°CT Hig h*
Symbol
Parameter
(V)
(V)
(
µA) (V)
Min. Max. Min. Typ. Max. Min. Max.
Unit
I OL
Output
Sink
Current
HCC
Types
5
0.4
5
21
16
32
12
mA
51
5
44
30
68
25
10
0.5
10
49
37
74
28
10
1
10
89
68
136
51
15
0.5
15
66
50
100
38
HCF
Types
5
0.4
5
17
13.6
32
12
5
1
5
35.7
25.5
68
22
10
0.5
10
39.1
31.4
74
27
10
1
10
72.2
57.8
136
51
15
0.5
15
53.5
42.5
100
37
I OH
Output Drive
Current
No Internal Pull-up Device
mA
I IH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
18
± 0.1
±10–5 ± 0.1
± 1
µA
HCF
Types
0/15
15
± 0.3
±10–5 ± 0.3
± 1
I OH,IOL
***
3-State
Output
Leakage
Current
HCC
Types
0/18
18
18
2
±10–4
220
µA
HCF
Types
0/15
15
15
2
±10–4
220
CI
Input Capacitance
Any Input
5
7.5
pF
CO
Output
Capacitance
Any Output
30
pF
*TLow =– 55
°C for HCC device ; – 40°C for HCF device.
*THigh = + 125
°C for HCC device ; + 85°C for HCF device.
The Noise Margin, full package temperature range, RL to VDD =10k
Ω : 1V min with VDD = 5V, 2V min with VDD = 10V, 2.5V min with VDD = 15V.
** Measured with external pull-up resistor, RL = 10k
Ω to VDD.
*** Forced output disabled.
HCC/HCF40107B
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com