Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM348
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM348 Datasheet(HTML) 1 Page - STMicroelectronics

  LM348 Datasheet HTML 1Page - STMicroelectronics LM348 Datasheet HTML 2Page - STMicroelectronics LM348 Datasheet HTML 3Page - STMicroelectronics LM348 Datasheet HTML 4Page - STMicroelectronics LM348 Datasheet HTML 5Page - STMicroelectronics LM348 Datasheet HTML 6Page - STMicroelectronics LM348 Datasheet HTML 7Page - STMicroelectronics LM348 Datasheet HTML 8Page - STMicroelectronics LM348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
December 2013
DocID2161 Rev 5
1/10
LM248, LM348
Four UA741 quad bipolar operational amplifiers
Datasheet
- production data
Features
• Low supply current: 0.53 mA per amplifier
• Class AB output stage: no crossover distortion
• Pin compatibility with LM124, LM224, LM324
• Low input offset voltage: 1 mV
• Low input offset current: 2 nA
• Low input bias current: 30 nA
• Gain bandwidth product: 1.3 MHz
• High degree of isolation between amplifiers:
120 dB
• Overload protection for inputs and outputs
Description
The LM248 and LM348 consist of four
independent, high-gain internally-compensated,
low-power operational amplifiers which have been
designed to provide functional characteristics
identical to those of the familiar UA741
operational amplifier. In addition, the total supply
current for all four amplifiers is compatible with
the supply current of a single UA741 type
operational amplifier. Other features include input
offset current and input bias current which are
much less than those of a standard UA741. Also,
excellent isolation between amplifiers has been
achieved by independently biasing each amplifier
and using layout techniques which minimize
thermal coupling.
The LM248 and LM348 can be used where
multiple UA741 type amplifiers are being used
and in applications where amplifier matching or
high packaging density is required.
D
SO14
Pin connections (top view)
Table 1. Device summary
Part
number
Temperature range
Package
LM248
-40
° C to 105 ° C
D(1)
1. D = Small outline package (SO)
LM348
0
° C to 70° C
Order code example: LM348DT(2)
2. See Table 5: Order codes
www.st.com


Similar Part No. - LM348

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM348 NSC-LM348 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM348 STMICROELECTRONICS-LM348 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Fairchild Semiconductor
LM348 FAIRCHILD-LM348 Datasheet
108Kb / 10P
Quad Operational Amplifier
logo
Texas Instruments
LM348 TI-LM348 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM348 STMICROELECTRONICS-LM348 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
More results

Similar Description - LM348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM148 STMICROELECTRONICS-LM148 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
TEB4033 STMICROELECTRONICS-TEB4033 Datasheet
209Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148_02 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com