Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16V Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # BAS16V
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

BAS16V Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  BAS16V Datasheet HTML 1Page - Shunxin Technology Co., Ltd. BAS16V Datasheet HTML 2Page - Shunxin Technology Co., Ltd. BAS16V Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Forward Characteristics
Pulsed
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE
V
F
(V)
Capacitance Characteristics
T =
a 25℃
Hz
0
4
8
12
16
20
REVERSE VOLTAGE V
R
(V)
10000
1000
100
10
1
200
150
100
50
0
Reverse Characteristics
0
20
40
60
80
100
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
25
50
75
(℃)
AMBIENT TEMPERATURE
100
T
a
300
100
125
150
0.8
0.9
0.7
0.6
1.0
1.1
10
0
1
a
T =25℃
a
℃
Pulsed
T =100
f=1M
SWITCHING DIODE
BAS16V
2
www.sxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com