Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HS2A
Description  SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS2A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HS2A Datasheet HTML 1Page - HY ELECTRONIC CORP. HS2A Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Low cost
● Diffused junction
● Ultra fast switching for high efficiency
● Low reverse leakage current
● Low forward voltage drop
● High current capability
● The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●Case: Molded Plastic
●Polarity:Color band denotes cathode
●Weight: 0.003 ounces,0.093 grams
●Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
HS2A
HS2B
HS2D
HS2G
HS2J
HS2K
HS2M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =50 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC(Note1)
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
I(AV)
5.0
60
A
IFSM
1.0
1.7
100
uA
~ 107 ~
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
IR
FORWARD CURRENT - 2.0 Amperes
2.0
A
HS2A thru HS2M
GLASS HIGH EFFICIENCY RECTIFIERS
SURFACE MOUNT
-50 to +150
50
75
50
30
25
-50 to +150
REVERSE VOLTAGE
- 50 to 1000 Volts
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)


Similar Part No. - HS2A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A Datasheet
54Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS2A TSC-HS2A Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS2A GOOD-ARK-HS2A Datasheet
179Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A Datasheet
564Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2A YANGJIE-HS2A Datasheet
145Kb / 2P
High Efficient Rectifier
More results

Similar Description - HS2A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS1A HY-HS1A Datasheet
35Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS2AA HY-HS2AA Datasheet
39Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS3A HY-HS3A Datasheet
41Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS3AB HY-HS3AB Datasheet
41Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HFM106 LRC-HFM106_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFM107 LRC-HFM107_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFMAF109 LRC-HFMAF109_15 Datasheet
241Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFMAF290 LRC-HFMAF290_15 Datasheet
241Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFMBF208 LRC-HFMBF208_15 Datasheet
217Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
SODHE108-SH LRC-SODHE108-SH_15 Datasheet
315Kb / 11P
Surface Mount Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com