Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HS3A
Description  SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS3A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HS3A Datasheet HTML 1Page - HY ELECTRONIC CORP. HS3A Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Low cost
● Diffused junction
● Ultra fast switching for high efficiency
● Low reverse leakage current
● Low forward voltage drop
● High current capability
● The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●Case: Molded Plastic
●Polarity:Color band denotes cathode
●Weight: 0.007 ounces,0.21 grams
●Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
HS3A
HS3B
HS3D
HS3G
HS3J
HS3K
HS3M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =55 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC(Note1)
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
A
150
~ 113 ~
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
100
IR
I(AV)
HS3A thru HS3M
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 3.0 Amperes
SURFACE MOUNT
GLASS HIGH EFFICIENCY RECTIFIERS
5.0
3.0
uA
-50 to +150
50
75
50
30
20
-50 to +150
IFSM
A
1.0
1.7
.108(2.75)
.128(3.25)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.320(8.13)
.305(7.75)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)
SMC


Similar Part No. - HS3A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3A TSC-HS3A Datasheet
47Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A Datasheet
238Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS3A GOOD-ARK-HS3A Datasheet
193Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Shenzhen Luguang Electr...
HS3A LUGUANG-HS3A Datasheet
225Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS3A TSC-HS3A Datasheet
434Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
More results

Similar Description - HS3A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS1A HY-HS1A Datasheet
35Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS2A HY-HS2A Datasheet
39Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS2AA HY-HS2AA Datasheet
39Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS3AB HY-HS3AB Datasheet
41Kb / 2P
SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HFM106 LRC-HFM106_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFM107 LRC-HFM107_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFMAF109 LRC-HFMAF109_15 Datasheet
241Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFMAF290 LRC-HFMAF290_15 Datasheet
241Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
HFMBF208 LRC-HFMBF208_15 Datasheet
217Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers
SODHE108-SH LRC-SODHE108-SH_15 Datasheet
315Kb / 11P
Surface Mount Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com