Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC320DXE Datasheet(PDF) 32 Page - LG Semicon Co.,Ltd.

Part # LC320DXE
Description  32.0” WXGA TFT LCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXE Datasheet(HTML) 32 Page - LG Semicon Co.,Ltd.

Back Button LC320DXE Datasheet HTML 27Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 28Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 29Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 30Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 31Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 32Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 33Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 34Page - LG Semicon Co.,Ltd. LC320DXE Datasheet HTML 35Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Product Specification
LC320DXE
Ver. 1.2
32 / 35
# APPENDIX- III-2
Note :1. The LCD module uses a 100 Ohm[Ω] resistor between positive and negative lines of each receiver
input.
2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (THC63LVD103 or Compatible)
3. ‘7’ means MSB and ‘0’ means LSB at R,G,B pixel data.
■ Required signal assignment for Flat Link (Thine : THC63LVD103) Transmitter(Pin7=
“H” )
RED0
RED1
RED2
RED3
RED4
RED5
RED6
RED7
GREEN0
GREEN1
GREEN2
GREEN3
GREEN4
GREEN5
GREEN6
GREEN7
BLUE0
BLUE1
BLUE2
BLUE3
BLUE4
BLUE5
BLUE6
BLUE7
Hsync
Vsync
Data Enable
CLOCK
Host System
24 Bit
TxOUT0-
TxOUT0+
TxOUT1-
TxOUT1+
TxOUT2-
TxOUT2+
TxCLKOUT-
TxCLKOUT+
TxOUT3-
TxOUT3+
DS90C385
or Compatible
RxIN0-
RxIN0+
RxIN1-
RxIN1+
RxIN2-
RxIN2+
RxCLKIN-
RxCLKIN+
RxIN3-
RxIN3+
VESA /
JEIDA
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
48
47
46
45
42
41
40
39
38
37
LCD Module
50
2
51
52
54
55
56
3
8
10
4
6
7
11
12
14
16
18
15
19
20
22
23
24
27
28
30
31
KDF71G-30S-1H
Timing
Controller
12
13
15
16
18
19
21
22
24
25
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com