Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSF Datasheet(PDF) 1 Page - TUK Ltd

Part # JSF
Description  Surface Sockets Screw Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

JSF Datasheet(HTML) 1 Page - TUK Ltd

  JSF Datasheet HTML 1Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Sockets
Screw Termination
Wire Colour
Plug
6 Way
8 Way
1
-
Blue
2
White
Orange
3
Black
Black
4
Red
Red
5
Green
Green
6
Yellow
Yellow
7
Blue
Brown
8
-
Grey
Ì Available in 6/4, 6/6 and 8/8 way options
Ì Units are suitable for round or flat cable entry
Ì Screw terminations accept 3-3.5mm spade terminals or bare wire
Ì Sockets are also provided with 2 22mm No6 wood screws for mounting the base unit
Colour: Beige
221439
No of Ways/
Price Each
Contacts
Order Code
6/4
454-461
6/6
454-473
8/8
454-485


Similar Part No. - JSF

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSF-21S0AA1 JDSU-JSF-21S0AA1 Datasheet
1Mb / 23P
Fibre Channel Small Form Factor PTH Transceiver
JSF-21S2AA1 JDSU-JSF-21S2AA1 Datasheet
1Mb / 23P
Fibre Channel Small Form Factor PTH Transceiver
More results

Similar Description - JSF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
C10A50Z4 ANAREN-C10A50Z4 Datasheet
524Kb / 2P
Surface Mount Termination
C40A50Z4 ANAREN-C40A50Z4 Datasheet
180Kb / 2P
Surface Mount Termination
logo
Adam Technologies, Inc.
ICM6281GT ADAM-TECH-ICM6281GT Datasheet
209Kb / 2P
SCREW MACHINE SOCKETS & TERMINAL STRIPS
ICM-624-1-GT ADAM-TECH-ICM-624-1-GT Datasheet
114Kb / 1P
SCREW MACHINE SOCKETS & TERMINAL STRIPS
logo
Anaren Microwave
C20N50Z4 ANAREN-C20N50Z4 Datasheet
263Kb / 2P
Surface Mount Termination
logo
Kemet Corporation
S301RE657R2R7W KEMET-S301RE657R2R7W Datasheet
411Kb / 8P
Screw Termination
logo
Anaren Microwave
C8A50Z4B ANAREN-C8A50Z4B Datasheet
423Kb / 2P
Surface Mount Termination
C10A50Z4 ANAREN-C10A50Z4_12 Datasheet
136Kb / 2P
Surface Mount Termination
C16A50Z4 ANAREN-C16A50Z4_11 Datasheet
136Kb / 2P
Surface Mount Termination
C150N50Z4 ANAREN-C150N50Z4_12 Datasheet
425Kb / 2P
Surface Mount Termination
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com