Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR42 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAR42
Description  Small signal Schottky diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR42 Datasheet(HTML) 3 Page - STMicroelectronics

  BAR42_V01 Datasheet HTML 1Page - STMicroelectronics BAR42_V01 Datasheet HTML 2Page - STMicroelectronics BAR42_V01 Datasheet HTML 3Page - STMicroelectronics BAR42_V01 Datasheet HTML 4Page - STMicroelectronics BAR42_V01 Datasheet HTML 5Page - STMicroelectronics BAR42_V01 Datasheet HTML 6Page - STMicroelectronics BAR42_V01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID3288 Rev 5
3/7
BAR42, BAR43
Characteristics
7
Table 5. Dynamic characteristics (Tj = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
C
Junction capacitance
Tj = 25 °C VR = 1 V F = 1 MHz
7
pF
C
Reverse recovery time
IF = 10 mA IR = 10 mA
Tj = 25 °C Irr = 1 mA RL = 100 Ω
5pF
η
Detection efficiency
CL = 300 pF F = 45 MHz
Tj = 25 °C Vi = 2 V RL = 50 Ω
80
ps
Figure 1. Forward voltage drop versus forward
current (typical values, low level)
Figure 2. Forward voltage drop versus forward
current (typical values, high level)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.00E+0
2.00E-3
4.00E-3
6.00E-3
8.00E-3
1.00E-2
1.20E-2
1.40E-2
1.60E-2
1.80E-2
2.00E-2
I
(A)
FM
V
(V)
FM
T =25°C
j
T =50°C
j
T =100°C
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1E-3
1E-2
1E-1
5E-1
I
(A)
FM
V
(V)
FM
T =25°C
j
T =50°C
j
T =100°C
j
Figure 3. Reverse leakage current versus
reverse voltage applied (typical values)
Figure 4. Reverse leakage current versus
junction temperature
0
5
10
15
20
25
30
1E-2
1E-1
1E+0
1E+1
1E+2
I (µA)
R
V (V)
R
T =100°C
j
T =50°C
j
T =25°C
j
0
25
50
75
100
125
150
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
I (µA)
R
V (V)
R
V =30V
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com