Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR42 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAR42
Description  Small signal Schottky diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR42 Datasheet(HTML) 4 Page - STMicroelectronics

  BAR42 Datasheet HTML 1Page - STMicroelectronics BAR42 Datasheet HTML 2Page - STMicroelectronics BAR42 Datasheet HTML 3Page - STMicroelectronics BAR42 Datasheet HTML 4Page - STMicroelectronics BAR42 Datasheet HTML 5Page - STMicroelectronics BAR42 Datasheet HTML 6Page - STMicroelectronics BAR42 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
BAR42, BAR43
4/7
DocID3288 Rev 5
Figure 7. Thermal resistance junction to ambient versus copper surface under each
lead
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Relative variation of thermal
impedance junction to ambient versus pulse
duration
12
5
10
20
30
1
2
5
10
C(pF)
V (V)
R
F=1MHz
T =25°C
j
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
0.01
0.10
1.00
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
epoxy FR4 with recommended pad layout, e = 35 µm
Cu
0
5
10
15
20
25
30
35
40
45
50
150
200
250
300
350
R
(°C/W)
th(j-a)
S(CU)(mm²)
P=0.25W
Epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com