Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT48 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT48
Description  Small signal Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT48 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT48 Datasheet HTML 1Page - STMicroelectronics BAT48 Datasheet HTML 2Page - STMicroelectronics BAT48 Datasheet HTML 3Page - STMicroelectronics BAT48 Datasheet HTML 4Page - STMicroelectronics BAT48 Datasheet HTML 5Page - STMicroelectronics BAT48 Datasheet HTML 6Page - STMicroelectronics BAT48 Datasheet HTML 7Page - STMicroelectronics BAT48 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
BAT48
2/8
Doc ID 12634 Rev 2
1
Characteristics
Table 2.
Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF
Continuous forward current
350
mA
IFSM
Surge non repetitive forward
current
tp = 10 ms
sinusoidal
SOD-123, SOD-323
2
A
DO-35
7.5
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature
range
SOD-123, SOD-323
-40 to +150
°C
DO-35
-40 to +125
TL
Maximum temperature for soldering during
10 s
SOD-123, SOD-323
260
°C
DO-35 at 4 mm from
case
230
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
Epoxy printed circuit board with recommended pad layout
SOD-123
500
°C/W
SOD-323
550
Rth(j-l)
Junction to lead(2)
2.
On infinite heatsink with 4 mm lead length
DO-35
300
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com