Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT48RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT48RL
Description  Small signal Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT48RL Datasheet(HTML) 4 Page - STMicroelectronics

  BAT48RL Datasheet HTML 1Page - STMicroelectronics BAT48RL Datasheet HTML 2Page - STMicroelectronics BAT48RL Datasheet HTML 3Page - STMicroelectronics BAT48RL Datasheet HTML 4Page - STMicroelectronics BAT48RL Datasheet HTML 5Page - STMicroelectronics BAT48RL Datasheet HTML 6Page - STMicroelectronics BAT48RL Datasheet HTML 7Page - STMicroelectronics BAT48RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
BAT48
4/8
Doc ID 12634 Rev 2
Figure 3.
Reverse leakage current versus
reverse applied voltage
(typical values)
Figure 4.
Reverse leakage current versus
junction temperature
(typical values)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
5
10
15
20
25
30
35
40
I (µA)
R
V (V)
R
T =25°C
j
T =125°C
j
T =100°C
j
T =75°C
j
T =50°C
j
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
I (µA)
R
T (°C)
j
V =40V
R
Figure 5.
Junction capacitance versus
reverse applied voltage
(typical values)
Figure 6.
Forward voltage drop versus
forward current (typical values)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
I
(A)
FM
V
(V)
FM
T =125°C
j
T =25°C
j
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOD-323)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (SOD-323)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z/R
th(j-a)
th(j-a)
SOD-323
Epoxy FR4
S
= 2.25 mm
e
= 35 µm
CU
2
CU
Single pulse
t (s)
p
epoxy FR4 with recommended pad layout, e
= 35 µm
CU
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
S
(mm²)
CU
R
(°C/W)
th(j-a)
printed circuit board, epoxy FR4, e =35 µm
CU



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com