Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54JFILM Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT54JFILM
Description  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54JFILM Datasheet(HTML) 4 Page - STMicroelectronics

  BAT54JFILM Datasheet HTML 1Page - STMicroelectronics BAT54JFILM Datasheet HTML 2Page - STMicroelectronics BAT54JFILM Datasheet HTML 3Page - STMicroelectronics BAT54JFILM Datasheet HTML 4Page - STMicroelectronics BAT54JFILM Datasheet HTML 5Page - STMicroelectronics BAT54JFILM Datasheet HTML 6Page - STMicroelectronics BAT54JFILM Datasheet HTML 7Page - STMicroelectronics BAT54JFILM Datasheet HTML 8Page - STMicroelectronics BAT54JFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
BAT54
4/15
DocID5505 Rev 12
Figure 7. Thermal resistance junction to
ambient versus copper surface under each lead
(SOD323)
Figure 8. Relative variation of thermal
impedance junction to ambient versus pulse
duration (SOD323)
200
300
400
500
600
0
5
10
15
20
25
30
35
40
45
50
R
th(j-a)(°C/W)
Epoxy FR4
e
CU=35 µm
SCU(mm²)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
SOD323
Epoxy FR4
S
CU=2.25 mm²
e
CU=35 µm
tP(s)
Figure 9. Relative variation of thermal
impedance junction to ambient versus pulse
duration (SOT23)
Figure 10. Relative variation of thermal
impedance junction to ambient versus pulse
duration (SOD-523)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Alumine substrate
10 x 8 x 0.5 mm
Single pulse
SOT23
tP(s)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-a)/Rth(j-a)
Single pulse
SOD523
Epoxy FR4
e
CU=35 µm
tP(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com