Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF2015T-2R2M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF2015T-2R2M
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF2015T-2R2M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF2015T-2R2M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
SMD TYPE
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
1.0MAX
2.3
2.3
1.4
1.4
0.92
0.92
2.0
±0.2
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Rate Current: △L ≤ 30% reduction from nominal L value or
△T ≤ 40˚C typical at rated current whichever is lower
LPF2010 SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-30 ~ +85˚C (Including self-temp. rise)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPF2010T-1R5M
LPF2010T-2R2M
LPF2010T-3R3M
LPF2010T-4R7M
LPF2010T-6R8M
LPF2010T-100M
1.5
2.2
3.3
4.7
6.8
10.0
0.22(0.18)
0.25(0.20)
0.40(0.35)
0.45(0.40)
0.70(0.67)
0.88(0.83)
0.62
0.52
0.45
0.35
0.30
0.22
± 20
Ordering Code
Inductance
(
µH)
Inductance
TOL.(%)
DC Resistance
(
Ω)Max.
( )is typical value.
Rated Current
[A] Max.
1.4MAX
2.3
2.3
1.4
1.4
0.92
0.92
2.0
±0.2
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• Rate Current: △L ≤ 30% reduction from nominal L value or
△T ≤ 40˚C typical at rated current whichever is lower
LPF2015 SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-30 ~ +85˚C (Including self-temp. rise)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPF2015T-1R5M
LPF2015T-2R2M
LPF2015T-3R3M
LPF2015T-4R7M
LPF2015T-6R8M
LPF2015T-100M
LPF2015T-150M
LPF2015T-220M
1.5
2.2
3.3
4.7
6.8
10.0
15.0
22.0
0.11(0.09)
0.13(0.11)
0.20(0.18)
0.23(0.20)
0.35(0.32)
0.52(0.48)
0.85(0.80)
1.05(1.00)
0.75
0.55
0.48
0.40
0.30
0.25
0.18
0.15
± 20
Ordering Code
Inductance
(
µH)
Inductance
TOL.(%)
DC Resistance
(
Ω)Max.
( )is typical value.
Rated Current
[A] Max.


Similar Part No. - LPF2015T-2R2M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-2R2M ABCO-LPF2015T-2R2M Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015T-2R2M-C ABCO-LPF2015T-2R2M-C Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2015T-2R2M-C ABCO-LPF2015T-2R2M-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF2015T-2R2M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com