Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC01002 Datasheet(PDF) 1 Page - Polymaker Industrial

Part # PC01002
Description  PolyLite™ PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PC01002 Datasheet(HTML) 1 Page - Polymaker Industrial

  PC01002 Datasheet HTML 1Page - Polymaker Industrial PC01002 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
PolyLite™ PC
PolyLite™ PC is produced using a polycarbonate resin specifically engineered for 3D printing. It delivers good stiffness and
heat resistance with light diffusing properties.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.19 – 1.20 (g/cm3 at 21.5˚C)
Glass transition temperature
DSC, 10 °C/min
113 (°C)
Vicat Softening temperature
ASTM D1525 (ISO 306 GB/T 1633)
119 (˚C)
Melt index
260 °C, 1.2 kg
8-11 (g/10 min)
Decomposition temperature
TGA, 20 °C/min
129- 132 (˚C)
Tested with 3D printed specimen of 100% infill
Mechanical Properties
Property
Testing method
Typical value
Young’s modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
2307 ± 60 (MPa)
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
62.7 ± 1.3 (MPa)
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
3.2 ± 0.4 (%)
Bending modulus
ASTMD790 (ISO 178, GB/T 9341)
2477 ± 159 (MPa)
Bending strength
ASTMD790 (ISO 178, GB/T 9341)
100.4 ± 2.7 (MPa)
Charpy impact strength
ASTM D256 (ISO 179, GB/T 1043)
3.4 ± 0.1 (kJ/m
2)
All testing specimens were printed under the following conditions:
nozzle temperature = 255 °C, printing speed = 60 mm/s, build plate temperature = 100 °C, infill = 100%
All specimens were conditioned at room temperature for 24h prior to testing
Recommended printing conditions
Parameter
Nozzle temperature
250 - 270 (˚C)
Build Surface material
BuildTak®, Glass, PEI
Build surface treatment
Magigoo PC
Build plate temperature
90 - 105 (˚C)
Cooling fan
Turned off
Printing speed
30v- 50 (mm/s)
Raft separation distance
0.2 (mm)
Retraction distance
1 (mm)
Retraction speed
20 (mm/s)
Recommended environmental temperature
70 – 80 (recommended) (˚C)
Threshold overhang angle
50 (˚)
Recommended support material
PolySupport™
Based on 0.4 mm nozzle and Simplify 3D v.3.1. Printing conditions may vary with different nozzle diameters
When printing with PolyLite™ PC it is recommended to use an enclosure. For large part it is recommended to use a heated
chamber.
It is recommended to anneal the printed part right after the printing process to release the residual internal stress.
Annealing settings: 100˚C for 2h


Similar Part No. - PC01002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC0100 ETC2-PC0100 Datasheet
634Kb / 2P
Power Chip Resistors
More results

Similar Description - PC01002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-324W-P7 ADVANTECH-PPC-324W-P7 Datasheet
454Kb / 2P
23.8 Fanless Panel PC with Intel Core™ i Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3170 ADVANTECH-PPC-3170 Datasheet
381Kb / 2P
17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
1-Aug-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
logo
Western Digital Corpora...
WD10JPVX WESTERN-WD10JPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
logo
AAEON Technology
PFM-540I-A11 AAEON-PFM-540I-A11 Datasheet
425Kb / 2P
PC/104 Module with AMD Geode™ LX Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com