Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC-49/SM Datasheet(PDF) 2 Page - Multicomp Pro

Part # HC-49/SM
Description  Crystals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HC-49/SM Datasheet(HTML) 2 Page - Multicomp Pro

  HC-49/SM Datasheet HTML 1Page - Multicomp Pro HC-49/SM Datasheet HTML 2Page - Multicomp Pro HC-49/SM Datasheet HTML 3Page - Multicomp Pro HC-49/SM Datasheet HTML 4Page - Multicomp Pro HC-49/SM Datasheet HTML 5Page - Multicomp Pro HC-49/SM Datasheet HTML 6Page - Multicomp Pro HC-49/SM Datasheet HTML 7Page - Multicomp Pro HC-49/SM Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page <2>
V1.0
09/12/19
Crystals
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
ESR Table
Case
Vibration
HC 49U
Frequency
Mode
Ω Maximum
3.5 - 3.99 MHz
F
90
4 - 4.99 MHz
F
80
5 - 5.99 MHz
F
70
6 - 6.99 MHz
F
60
7 - 7.99 MHz
F
50
8 - 9.99 MHz
F
40
10 - 13.99 MHz
F
35
14 - 23.99 MHz
F
25
24 - 25 MHz
F / 3
25 / 50
25 - 30 MHz
F / 3
25 / 50
30 - 75 MHz
3
50
75 - 125 MHz
5
80
125 - 150 MHz
5
100
150 - 200 MHz
5
120
Part Number Table
Case
Frequency
(MHz)
Frequency
Tolerance
(PPM)
Temperature
Stability
(PPM)
Temperature
Range
60 = -10 to +60
70 = -20 to +70
Load
Capacitance
pf
00 = Series
Vibration
Mode
AT Cut
F = Fund
0.3 Overtone
Ant Part
Number
HC49U
1.8432
20
50
60
30
ATF
XTL-1012
HC49U
2
50
100
60
20
ATF
XTL-1014
HC49U
2.4576
20
50
60
30
ATF
XTL-1017
HC49U
3.2768
20
30
60
12
ATF
XTL-1020
HC49U
3.579545
20
50
60
20
ATF
XTL-1021
HC49U
3.6864
20
50
60
30
ATF
XTL-1023
HC49U
3.6864
30
50
70
30
ATF
XTL-1024
HC49U
4
20
10
70
30
ATF
XTL-1027
HC49U
4
20
50
60
30
ATF
XTL-1028
HC49U
4
30
50
70
30
ATF
XTL-1029
HC49U
4.096
20
20
70
30
ATF
XTL-1031
HC49U
4.096
30
50
70
30
ATF
XTL-1032
HC49U
4.194304
20
30
60
12
ATF
XTL-1033
HC49U
4.608
20
50
60
30
ATF
XTL-1037
HC49U
4.9152
20
50
60
30
ATF
XTL-1040



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com