Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3865PVC-LP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 5 Page - Infineon Technologies AG

  CY8C3865PVC-LP Datasheet HTML 1Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 2Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 3Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 4Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 5Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 6Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 7Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 8Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 4 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
1. Architectural Overview
Introducing the CY8C58LP family of ultra low power, flash Programmable System-on-Chip (PSoC) devices, part of a scalable 8-bit
PSoC 3 and 32-bit PSoC 5LP platform. The CY8C58LP family provides configurable blocks of analog, digital, and interconnect circuitry
around a CPU subsystem. The combination of a CPU with a flexible analog subsystem, digital subsystem, routing, and I/O enables
a high level of integration in a wide variety of consumer, industrial, and medical applications.
Figure 1-1. Simplified Block Diagram
Figure 1-1 illustrates the major components of the CY8C58LP
family. They are:
Arm Cortex-M3 CPU subsystem
Nonvolatile subsystem
Programming, debug, and test subsystem
Inputs and outputs
Clocking
Power
Digital subsystem
Analog subsystem
PSoC’s digital subsystem provides half of its unique
configurability. It connects a digital signal from any peripheral to
any pin through the digital system interconnect (DSI). It also
provides functional flexibility through an array of small, fast, low
power UDBs. PSoC Creator provides a library of pre-built and
tested standard digital peripherals (UART, SPI, LIN, PRS, CRC,
timer, counter, PWM, AND, OR, and so on) that are mapped to
the UDB array. You can also easily create a digital circuit using
boolean primitives by means of graphical design entry. Each
UDB contains programmable array logic (PAL)/programmable
logic device (PLD) functionality, together with a small state
machine engine to support a wide variety of peripherals.
Digital
Filter
Block
LCD Direct
Drive
CapSense
Temperature
Sensor
4 x
Opamp
+
-
ADCs
4x DAC
1 x
Del Sig
ADC
4 x SC / CT Blocks
(TIA, PGA, Mixer etc)
4 x
CMP
+
-
Program
Debug&
Trace
Boundary
Scan
Program &
Debug
Cortex M3CPU
Interrupt
Controller
PHUB
DMA
Cache
Controller
SRAM
FLASH
EEPROM
EMIF
Digital Interconnect
Analog Interconnect
0. 5 to5.5 V
( Optional)
4- 25 MHz
( Optional)
Xtal
Osc
32.768 KHz
( Optional)
RTC
Timer
IMO
WDT
and
Wake
ILO
Clocking System
1.8 V LDO
SMP
POR and
LVD
Sleep
Power
Power Management
System
USB
PHY
3 per
Opamp
2 x
SAR
ADC
I2C
Master/
Slave
Universal Digital Block Array (24 x UDB)
4 x
Timer
Counter
PWM
FS USB
2.0
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UART
Logic
12- Bit PWM
I2C Slave
8- Bit SPI
12- Bit SPI
Logic
8- Bit
Timer
16- Bit PRS
UDB
8- Bit
Timer
Quadrature Decoder
16- Bit
PWM
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
22
Ω
Memory System
CPU System
Analog System
System Bus
Digital System
System Wide
Resources
CAN 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com