Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3485PVC-LP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CY8C3485PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3485PVC-LP Datasheet(HTML) 3 Page - Infineon Technologies AG

  CY8C3485PVC-LP Datasheet HTML 1Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 2Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 3Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 4Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 5Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 6Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 7Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 8Page - Infineon Technologies AG CY8C3485PVC-LP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 2 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
More Information
Cypress provides a wealth of data at www.cypress.com to help you to select the right PSoC device for your design, and to help you
to quickly and effectively integrate the device into your design. For a comprehensive list of resources, see the knowledge base article
KBA86521, How to Design with PSoC 3, PSoC 4, and PSoC 5LP. Following is an abbreviated list for PSoC 5LP:
Overview: PSoC Portfolio, PSoC Roadmap
Product Selectors: PSoC 1, PSoC 3, PSoC 4, PSoC 5LP
In addition, PSoC Creator includes a device selection tool.
Application notes: Cypress offers a large number of PSoC
application notes and code examples covering a broad range
of topics, from basic to advanced level. Recommended appli-
cation notes for getting started with PSoC 5LP are:
AN77759: Getting Started With PSoC 5LP
AN77835: PSoC 3 to PSoC 5LP Migration Guide
AN61290: Hardware Design Considerations
AN57821: Mixed Signal Circuit Board Layout
AN58304: Pin Selection for Analog Designs
AN81623: Digital Design Best Practices
AN73854: Introduction To Bootloaders
Development Kits:
CY8CKIT-059 is a low-cost platform for prototyping, with a
unique snap-away programmer and debugger on the USB
connector.
CY8CKIT-050 is designed for analog performance, for devel-
oping high-precision analog, low-power, and low-voltage ap-
plications.
CY8CKIT-001 provides a common development platform for
any one of the PSoC 1, PSoC 3, PSoC 4, or PSoC 5LP
families of devices.
The MiniProg3 device provides an interface for flash pro-
gramming and debug.
Technical Reference Manuals (TRM)
Architecture TRM
Registers TRM
Programming Specification
PSoC Creator
PSoC Creator is a free Windows-based Integrated Design Environment (IDE). It enables concurrent hardware and firmware design
of PSoC 3, PSoC 4, and PSoC 5LP based systems. Create designs using classic, familiar schematic capture supported by over 100
pre-verified, production-ready PSoC Components; see the list of component datasheets. With PSoC Creator, you can:
1. Drag and drop component icons to build your hardware
system design in the main design workspace
2. Codesign your application firmware with the PSoC hardware,
using the PSoC Creator IDE C compiler
3. Configure components using the configuration tools
4. Explore the library of 100+ components
5. Review component datasheets
Figure 1. Multiple-Sensor Example Project in PSoC Creator
3
1
2
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com