Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR1/2 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # CR1/2
Description  FIXED CARBON FILM RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

CR1/2 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  CR1/2 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Type
W
L1
dL2
PD
Characteristics
Performance
Type
Power Rating
Max. Working
Max. Overload
Rating
Operating
Resistance Range
(W)
Voltage(V)
Voltage(V)
Ambient Temp.
Temp. Range
E-24-G(
± 2%)
E-24-J(
± 5%)
Temperature Coefficient
100
0
200
400
600
800
1000
10
100
1K
10K
100K
1M
10
100
1K
10K
100K
1M
80
60
40
20
-55
40
70 80
120
160
155
Ambient Temperature(ûC)
Norminal Resistance( )
Load Stability 1000 Hrs.at 70ûC
6
4
2
0
-2
-4
Norminal Resistance(½
½
)
CRSERIES
FIXED CARBON FILM RESISTORS
■FEATURES
• Industry’s lowest cost and widest selection
• Excellent long-time stability
• Miniature size(CRS 1/2W)result in 50% space saving
• Coating Color: Brown (CR 1/8W~CR1/2W),
Pink (CRS1/2W)
• Marking: Color Cade
■TAPING DIMENSIONS
W
L1
L2
L1
0.08Max
0.5Max
3.2Max
P
6
± 1
¿
¿
d
D
CR 1/8W
52
± 1.0
24.5
± 1.0
0.45
± 0.02
3.2
± 0.2
5.0
± 1.0
1.8
± 0.2
CR 1/6W
52
± 1.0
24.5
± 1.0
0.45
± 0.02
3.2
± 0.2
5.0
± 1.0
1.8
± 0.2
CR 1/4W
52
± 1.0
23.0
± 1.0
0.58
± 0.02
6.4
± 0.2
5.0
± 1.0
2.4
± 0.2
CRS 1/2W
52
± 1.0
23.0
± 1.0
0.58
± 0.02
6.4
± 0.2
5.0
± 1.0
2.4
± 0.2
CR 1/2W
52
± 1.0
21.5
± 1.0
0.70
± 0.02
9.0
± 0.4
5.0
± 1.0
3.3
± 0.2
Short Time Over Load
± (1.0%+0.05Ω)
Dielectric Withstanding Voltage
± (1.0%+0.05Ω)
Resistance To Soldering Heat
± (1.0%+0.05Ω)
Terminal Strength
± (1.0%+0.05Ω)
Moisture Resistance
± (5.0%+0.05Ω)
Load Life
± (2.0%+0.05Ω)
■SPECIFICATIONS
CR 1/8
0.125
150
300
10-560K
4.7-560K
CR 1/6
0.167
150
300
10-560K
4.7-560K
CR 1/4
0.25
250
500
+70
˚C
-55
˚C~
10-560K
4.7-560K
CRS 1/2
0.5
300
600
+155
˚C
10-560K
4.7-560K
CR 1/2
0.5
300
600
10-560K
4.7-560K
■CHARACTERISTICS
■HOW TO ORDER
■DERATING CURVE
*Consult factory for resistance values outside of above standard range.
**Voltage rating is determined by E= P • R, E should not exceed Max. Working Voltage.
CR
1/8W
100
Ω
JTB
12
3
4
5
1. ABCO Code
2. Power Rating
3. Resistance
4. Tolerance(
±2%, ±5%), ±5% is standard
5. Packing: “TB” is Tape & Ammo Box
Unit: mm


Similar Part No. - CR1/2

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
CR1/3N GP-CR1/3N Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
More results

Similar Description - CR1/2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
HOKURIKU ELECTRIC INDUS...
E0111AA HOKURIKU-E0111AA Datasheet
42Kb / 1P
Miniature Paint Insulated Carbon Film Fixed Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
logo
Tyco Electronics
1623929 MACOM-1623929 Datasheet
41Kb / 1P
CARBON FILM FIXED RESISTORS SERIES CFR200
1623933 MACOM-1623933 Datasheet
69Kb / 1P
CARBON FILM FIXED RESISTORS SERIES CFR50
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
Tyco Electronics
CFR50J1K0 MACOM-CFR50J1K0 Datasheet
143Kb / 4P
Carbon Film Fixed Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
TE Connectivity Ltd
CFR TEC-CFR Datasheet
333Kb / 4P
Carbon film fixed Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com