Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33266274 Datasheet(PDF) 1 Page - Aptiv

Part # 33266274
Description  NanoPack™ CTS UNSEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33266274 Datasheet(HTML) 1 Page - Aptiv

  33266274 Datasheet HTML 1Page - Aptiv 33266274 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
NanoPack™
CTS
UNSEALED SERIES
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways) 1 row
2, 3, 4, 5, 6*, 7, 8*, 9*, 10, 11
Cavity Count (ways) 2 rows 4*, 6, 8, 10, 12*, 14, 16*,
18*, 20, 22
Cavity Configurations (mm) 0.5
Cable range (mm²)
0.08 - 0.35
Genders
Female
Sealing Type
Unsealed
Centerline Spacing (mm)
1.8 (1 row); 1.8 x 1.5 (2 row)
Cockpit, Dashboard, Ambiant lightning, Ethernet
See back page for representative part numbers and packaging dimensions.
* Available upon request.
TEMPERATURE
VIBRATION
3 G
+105°C
-40°C
< 70 N
MATING
FORCES
BENEFITS
• Miniaturized packages for low pin count
interfaces
• Industry standard solution
• Designed for automated harness assembly
FEATURES
• According to VDA interface standard S1034801
(1 row) & S1051201 (2 row)
• Centerlines miniaturized interfaces
• CPA (Connector Position Assurance) version
is possible for 2 row configurations,
like the 20 way which has the outer dimensions
of a 22 way without CPA
NanoPack™ CTS 20W
Female 2 rows
NanoPack™ CTS 3W
Female 1 row
NanoPack™ CTS 20W
Female 2 rows with CPA
VDA


Similar Part No. - 33266274

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3326 3M-3326 Datasheet
17Kb / 2P
Foil Tape
July, 2005
logo
List of Unclassifed Man...
3326 ETC-3326 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3326 HEYCO-3326 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3326-SMA KR-3326-SMA Datasheet
97Kb / 3P
156.25 MHzBandpass Filter
More results

Similar Description - 33266274

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
CTS 227 Rotary Switches
logo
FCI connector
DEM09S FCI-CONNECTOR-DEM09S Datasheet
97Kb / 1P
SOCKET CONNECTORS D SUMBINIATURE WITH SOLDER CTS
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Schneider Electric
WISERCTPV SCHNEIDER-WISERCTPV Datasheet
98Kb / 1P
WISER ENERGY SOLAR CTS
logo
PHOENIX CONTACT
1295670 PHOENIX-1295670 Datasheet
255Kb / 4P
Repair kit - EV-T2CCS-M4X20-BIT-CTS
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
PHOENIX CONTACT
1281251 PHOENIX-1281251 Datasheet
227Kb / 5P
Repair kit - EV-T1CCS-MF-M4X10-CTS
Nov 16, 2022
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com